Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB1PUR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STBB1PUR Datasheet HTML 10Page - STMicroelectronics STBB1PUR Datasheet HTML 11Page - STMicroelectronics STBB1PUR Datasheet HTML 12Page - STMicroelectronics STBB1PUR Datasheet HTML 13Page - STMicroelectronics STBB1PUR Datasheet HTML 14Page - STMicroelectronics STBB1PUR Datasheet HTML 15Page - STMicroelectronics STBB1PUR Datasheet HTML 16Page - STMicroelectronics STBB1PUR Datasheet HTML 17Page - STMicroelectronics STBB1PUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Application information
STBB1XX
14/21
Doc ID 15474 Rev 5
The minimum inductor value for the application is the higher between Equation 2 and
Equation 3
. In addition to the inductance value the maximum current the inductor can
handle must be calculated in order to avoid saturation.
Equation 4
Equation 5
Where
η is the estimated efficiency of STBB1. The maximum of the two values above must
be considered when selecting the inductor.
8.3
Input and output capacitor selection
It is recommended to use ceramic capacitors with low ESR as input and output capacitors in
order to filter any disturbance present in the input line and to obtain stable operation.
Minimum values of 10 µF for both capacitors are needed to achieve good behavior of the
device.
The input capacitor must be placed as close as possible to the device.
L
fs
VIN
2
)
VOUT
VIN
(
VOUT
)
/
I
(
I
MAX
MAX
OUT
BUCK
PEAK
×
×
×
−
×
+
η
=
−
L
fs
VOUT
2
)
VIN
VOUT
(
VIN
VIN
I
VOUT
I
MIN
MIN
MIN
OUT
BOOST
PEAK
×
×
×
−
×
+
×
η
×
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com