Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF15N80K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF15N80K5
Description  N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N80K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF15N80K5 Datasheet HTML 3Page - STMicroelectronics STF15N80K5 Datasheet HTML 4Page - STMicroelectronics STF15N80K5 Datasheet HTML 5Page - STMicroelectronics STF15N80K5 Datasheet HTML 6Page - STMicroelectronics STF15N80K5 Datasheet HTML 7Page - STMicroelectronics STF15N80K5 Datasheet HTML 8Page - STMicroelectronics STF15N80K5 Datasheet HTML 9Page - STMicroelectronics STF15N80K5 Datasheet HTML 10Page - STMicroelectronics STF15N80K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
STB15N80K5, STF15N80K5, STP15N80K5, STW15N80K5
Electrical characteristics
Doc ID 023468 Rev 2
7/22
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on-resistance
Figure 12.
Capacitance variations
Figure 13.
Source-drain diode forward
characteristics
ID
24
12
0
0
8
VDS(V)
16
(A)
4
12
VGS= 6 V
VGS= 7 V
VGS= 8 V
VGS= 9 V
6
18
30
VGS= 10 V
AM15435v1
ID
18
12
6
0
VGS(V)
(A)
4
6
8
24
10
VDS= 20 V
30
AM15436v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=640 V
ID=14 A
25
300
200
100
0
400
500
VDS
(V)
VDS
12
30
600
AM15443v1
RDS(on)
0.3
0.2
0.1
0
0
4
ID(A)
(
Ω)
2
6
VGS=10V
AM15441v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM15442v1
VSD
4
ISD(A)
(V)
10
6
8
0.6
0.7
0.8
0.9
TJ=-50°C
TJ=150°C
TJ=25°C
12
AM15439v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com