Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF15N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF15N80K5
Description  N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STF15N80K5 Datasheet HTML 1Page - STMicroelectronics STF15N80K5 Datasheet HTML 2Page - STMicroelectronics STF15N80K5 Datasheet HTML 3Page - STMicroelectronics STF15N80K5 Datasheet HTML 4Page - STMicroelectronics STF15N80K5 Datasheet HTML 5Page - STMicroelectronics STF15N80K5 Datasheet HTML 6Page - STMicroelectronics STF15N80K5 Datasheet HTML 7Page - STMicroelectronics STF15N80K5 Datasheet HTML 8Page - STMicroelectronics STF15N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
October 2012
Doc ID 023468 Rev 2
1/22
22
STB15N80K5, STF15N80K5,
STP15N80K5, STW15N80K5
N-channel 800 V, 0.3
Ω typ., 14 A SuperMESH™ 5 Power MOSFET
in D2PAK, TO-220FP, TO-220 and TO-247 packages
Datasheet
−production data
Features
■ Worldwide best FOM (figure of merit)
■ Ultra low gate charge
■ 100% avalanche tested
■ Zener-protected
Applications
■ Switching applications
Description
These devices are N-channel Zener-protected
Power MOSFETs realized in SuperMESH™5, a
revolutionary avalanche-rugged very high voltage
Power MOSFET technology based on an
innovative proprietary vertical structure. The
result is a drastic reduction in on-resistance and
ultra low gate charge for applications which
require superior power density and high
efficiency.
Figure 1.
Internal schematic diagram
Type
VDS
RDS(on)max
ID
PTOT
STB15N80K5
800 V
< 0.375
Ω
14 A
190 W
STF15N80K5
35 W
STP15N80K5
190 W
STW15N80K5
TO-220
1
2
3
TAB
1
2
3
1
2
3
TO-220FP
TO-247
1
3
TAB
D2PAK
D(2, TAB)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB15N80K5
15N80K5
D2PAK
Tape and reel
STF15N80K5
TO-220FP
Tube
STP15N80K5
TO-220
STW15N80K5
TO-247
www.st.com


Similar Part No. - STF15N80K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF15N80K5 ISC-STF15N80K5 Datasheet
284Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF15N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8N80K5 STMICROELECTRONICS-STP8N80K5 Datasheet
1Mb / 16P
N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
27-Mar-2013
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
19-Nov-2013
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
27-Mar-2013
STB25N80K5 STMICROELECTRONICS-STB25N80K5 Datasheet
1Mb / 22P
N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
04-Jun-2013
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
N-channel 800 V, 0.95 Ω typ., 5 A MDmesh™K5 Power MOSFET in a I²PAKFP package
15-Dec-2015
STP5N80K5 STMICROELECTRONICS-STP5N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220 package
02-May-2016
STD5N80K5 STMICROELECTRONICS-STD5N80K5 Datasheet
820Kb / 16P
N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
09-May-2016
STF5N80K5 STMICROELECTRONICS-STF5N80K5 Datasheet
715Kb / 13P
N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220FP package
09-May-2016
STB5N80K5 STMICROELECTRONICS-STB5N80K5 Datasheet
904Kb / 15P
N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
09-May-2016
STFU15N80K5 STMICROELECTRONICS-STFU15N80K5 Datasheet
902Kb / 13P
N-channel 800 V, 0.3 Ω typ., 14 A MDmesh™K5 Power MOSFET in a TO-220FP ultra narrow leads package
09-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com