Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF15N80K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF15N80K5
Description  N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N80K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STF15N80K5 Datasheet HTML 1Page - STMicroelectronics STF15N80K5 Datasheet HTML 2Page - STMicroelectronics STF15N80K5 Datasheet HTML 3Page - STMicroelectronics STF15N80K5 Datasheet HTML 4Page - STMicroelectronics STF15N80K5 Datasheet HTML 5Page - STMicroelectronics STF15N80K5 Datasheet HTML 6Page - STMicroelectronics STF15N80K5 Datasheet HTML 7Page - STMicroelectronics STF15N80K5 Datasheet HTML 8Page - STMicroelectronics STF15N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical characteristics
STB15N80K5, STF15N80K5, STP15N80K5, STW15N80K5
4/22
Doc ID 023468 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS= 0)
ID = 1 mA
800
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 800 V
VDS = 800 V, Tc=125 °C
1
50
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID= 7 A
0.3
0.375
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS =100 V, f=1 MHz, VGS=0
-
1100
-
pF
Coss
Output capacitance
85
pF
Crss
Reverse transfer
capacitance
1.5
pF
Co(tr)
(1)
1.
Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when
VDS increases from 0 to 80% VDSS
Equivalent capacitance time
related
VGS = 0, VDS = 0 to 640 V
-113
-
pF
Co(er)
(2)
2.
Energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss
when VDS increases from 0 to 80% VDSS
Equivalent capacitance
energy related
-49
-
pF
RG
Intrinsic gate resistance
f = 1MHz, ID=0
-
4.5
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 640 V, ID = 14 A
VGS =10 V
(see Figure 20)
-
32
6
22
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com