Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS4227PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS4227PBF
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4227PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS4227PBF Datasheet HTML 1Page - International Rectifier IRFS4227PBF Datasheet HTML 2Page - International Rectifier IRFS4227PBF Datasheet HTML 3Page - International Rectifier IRFS4227PBF Datasheet HTML 4Page - International Rectifier IRFS4227PBF Datasheet HTML 5Page - International Rectifier IRFS4227PBF Datasheet HTML 6Page - International Rectifier IRFS4227PBF Datasheet HTML 7Page - International Rectifier IRFS4227PBF Datasheet HTML 8Page - International Rectifier IRFS4227PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFS/SL4227PbF
2
www.irf.com
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
170
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
22
26
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-13
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
200
µA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
49
–––
–––
S
Qg
Total Gate Charge
–––
70
98
nC
Qgd
Gate-to-Drain Charge
–––
23
–––
td(on)
Turn-On Delay Time
–––
33
–––
tr
Rise Time
–––
20
–––
ns
td(off)
Turn-Off Delay Time
–––
21
–––
tf
Fall Time
–––
31
–––
tst
Shoot Through Blocking Time
100
–––
–––
ns
EPULSE
Energy per Pulse
µJ
Ciss
Input Capacitance
–––
4600
–––
Coss
Output Capacitance
–––
460
–––
pF
Crss
Reverse Transfer Capacitance
–––
91
–––
Coss eff.
Effective Output Capacitance
–––
360
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energyd
mJ
EAR
Repetitive Avalanche Energy
™
mJ
VDS(Avalanche)
Repetitive Avalanche VoltageÙ
V
IAS
Avalanche Current
Ãd
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
(Body Diode)
A
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
100
150
ns
Qrr
Reverse Recovery Charge
–––
430
640
nC
62
260
–––
–––
–––
–––
MOSFET symbol
VDS = 25V, ID = 46A
VDD = 100V, ID = 46A, VGS = 10Ve
Conditions
and center of die contact
VDD = 160V, VGS = 15V, RG= 4.7Ω
VDS = 160V, RG= 4.7Ω, TJ = 25°C
L = 220nH, C= 0.4µF, VGS = 15V
VDS = 160V, RG= 4.7Ω, TJ = 100°C
VDS = 25V
VDS = VGS, ID = 250µA
VDS = 200V, VGS = 0V
VGS = 0V, VDS = 0V to 160V
VDS = 200V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 0V
L = 220nH, C= 0.4µF, VGS = 15V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 46A e
TJ = 25°C, IF = 46A, VDD = 50V
di/dt = 100A/µs e
TJ = 25°C, IS = 46A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Typ.
Max.
ƒ = 1.0MHz,
–––
140
46
37
–––
–––
240
–––
–––
570
–––
–––
910
–––
VDD = 100V, VGS = 10VÃe
ID = 46A
RG = 2.5Ω
See Fig. 22



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com