Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS4227PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFS4227PBF
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4227PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFS4227PBF Datasheet HTML 1Page - International Rectifier IRFS4227PBF Datasheet HTML 2Page - International Rectifier IRFS4227PBF Datasheet HTML 3Page - International Rectifier IRFS4227PBF Datasheet HTML 4Page - International Rectifier IRFS4227PBF Datasheet HTML 5Page - International Rectifier IRFS4227PBF Datasheet HTML 6Page - International Rectifier IRFS4227PBF Datasheet HTML 7Page - International Rectifier IRFS4227PBF Datasheet HTML 8Page - International Rectifier IRFS4227PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRFS/SL4227PbF
www.irf.com
5
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Fig 17. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 15. Threshold Voltage vs. Temperature
Fig 14. Maximum Avalanche Energy Vs. Temperature
Fig 13. On-Resistance Vs. Gate Voltage
Fig 16. Typical Repetitive peak Current vs.
Case temperature
Ri (°C/W)
τi (sec)
0.08698 0.000074
0.2112
0.001316
0.1506
0.009395
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci
i
/Ri
Ci=
τi/Ri
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID = 250µA
25
50
75
100
125
150
175
Case Temperature (°C)
0
40
80
120
160
200
ton= 1µs
Duty cycle = 0.25
Half Sine Wave
Square Pulse
5
6
7
8
9
10
VGS, Gate-to-Source Voltage (V)
0.00
0.04
0.08
0.12
0.16
TJ = 25°C
TJ = 125°C
ID = 46A
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
100
200
300
400
500
600
I D
TOP
8.5A
14A
BOTTOM
37A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com