Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS4227PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFS4227PBF
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4227PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFS4227PBF Datasheet HTML 2Page - International Rectifier IRFS4227PBF Datasheet HTML 3Page - International Rectifier IRFS4227PBF Datasheet HTML 4Page - International Rectifier IRFS4227PBF Datasheet HTML 5Page - International Rectifier IRFS4227PBF Datasheet HTML 6Page - International Rectifier IRFS4227PBF Datasheet HTML 7Page - International Rectifier IRFS4227PBF Datasheet HTML 8Page - International Rectifier IRFS4227PBF Datasheet HTML 9Page - International Rectifier IRFS4227PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRFS/SL4227PbF
www.irf.com
7
Fig 21a. tst and EPULSE Test Circuit
Fig 21b. tst Test Waveforms
Fig 21c. EPULSE Test Waveforms
Fig 22a. Switching Time Test Circuit
Fig 22b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
VDS
90%
10%
VGS
td(on)
tr
td(off) tf



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com