Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2586 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2586
Description  LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2586 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2586 Datasheet HTML 9Page - Texas Instruments LM2586 Datasheet HTML 10Page - Texas Instruments LM2586 Datasheet HTML 11Page - Texas Instruments LM2586 Datasheet HTML 12Page - Texas Instruments LM2586 Datasheet HTML 13Page - Texas Instruments LM2586 Datasheet HTML 14Page - Texas Instruments LM2586 Datasheet HTML 15Page - Texas Instruments LM2586 Datasheet HTML 16Page - Texas Instruments LM2586 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LM2586
www.ti.com
SNVS121D – MAY 1996 – REVISED APRIL 2013
Typical Performance Characteristics
A: Switch Voltage, 20V/div
B: Switch Current, 2A/div
C: Output Rectifier Current, 2A/div
D: Output Ripple Voltage, 50 mV/div AC-Coupled
Figure 23. Switching Waveforms
Figure 24. VOUT Response to Load Current Step
Typical Flyback Regulator Applications
Figure 25 through Figure 30 show six typical flyback applications, varying from single output to triple output. Each
drawing contains the part number(s) and manufacturer(s) for every component except the transformer. For the
transformer part numbers and manufacturers' names, see Table 1. For applications with different output
voltages—requiring the LM2586-ADJ—or different output configurations that do not match the standard
configurations, refer to the Switchers Made Simple software.
Copyright © 1996–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com