Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2586 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2586
Description  LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2586 Datasheet(HTML) 2 Page - Texas Instruments

  LM2586 Datasheet HTML 1Page - Texas Instruments LM2586 Datasheet HTML 2Page - Texas Instruments LM2586 Datasheet HTML 3Page - Texas Instruments LM2586 Datasheet HTML 4Page - Texas Instruments LM2586 Datasheet HTML 5Page - Texas Instruments LM2586 Datasheet HTML 6Page - Texas Instruments LM2586 Datasheet HTML 7Page - Texas Instruments LM2586 Datasheet HTML 8Page - Texas Instruments LM2586 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LM2586
SNVS121D – MAY 1996 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Figure 1. Bent, Staggered Leads
Figure 2. Bent, Staggered Leads
7-Lead TO-220 (NDZ)
7-Lead TO-220 (NDZ)
Top View
Side View
See Package Number NDZ0007B
Figure 3. 7-Lead DDPAK (KTW)
Figure 4. 7-Lead DDPAK (KTW)
Top View
Side View
See Package Number KTW0007B
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage
−0.4V ≤ VIN ≤ 45V
Switch Voltage
−0.4V ≤ VSW ≤ 65V
Switch Current (3)
Internally Limited
Compensation Pin Voltage
−0.4V ≤ VCOMP ≤ 2.4V
Feedback Pin Voltage
−0.4V ≤ VFB ≤ 2 VOUT
ON /OFF Pin Voltage
−0.4V ≤ VSH ≤ 6V
Sync Pin Voltage
−0.4V ≤ VSYNC ≤ 2V
Power Dissipation (4)
Internally Limited
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
260°C
Maximum Junction Temperature (4)
150°C
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)
2 kV
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. These ratings apply when the current is
limited to less than 1.2 mA for pins 1, 2, 3, and 6. Operating ratings indicate conditions for which the device is intended to be functional,
but device parameter specifications may not be ensured under these conditions. For ensured specifications and test conditions, see the
Electrical Characteristics.
(3)
Note that switch current and output current are not identical in a step-up regulator. Output current cannot be internally limited when the
LM2586 is used as a step-up regulator. To prevent damage to the switch, the output current must be externally limited to 3A. However,
output current is internally limited when the LM2586 is used as a flyback regulator (see the Application Hints section for more
information).
(4)
The junction temperature of the device (TJ) is a function of the ambient temperature (TA), the junction-to-ambient thermal resistance
(
θJA), and the power dissipation of the device (PD). A thermal shutdown will occur if the temperature exceeds the maximum junction
temperature of the device: PD × θJA + TA(MAX) ≥ TJ(MAX). For a safe thermal design, check that the maximum power dissipated by the
device is less than: PD ≤ [TJ(MAX) − TA(MAX)]/θJA. When calculating the maximum allowable power dissipation, derate the maximum
junction temperature—this ensures a margin of safety in the thermal design.
2
Submit Documentation Feedback
Copyright © 1996–2013, Texas Instruments Incorporated
Product Folder Links: LM2586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com