Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2586 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2586
Description  LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2586 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2586 Datasheet HTML 17Page - Texas Instruments LM2586 Datasheet HTML 18Page - Texas Instruments LM2586 Datasheet HTML 19Page - Texas Instruments LM2586 Datasheet HTML 20Page - Texas Instruments LM2586 Datasheet HTML 21Page - Texas Instruments LM2586 Datasheet HTML 22Page - Texas Instruments LM2586 Datasheet HTML 23Page - Texas Instruments LM2586 Datasheet HTML 24Page - Texas Instruments LM2586 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LM2586
www.ti.com
SNVS121D – MAY 1996 – REVISED APRIL 2013
Typical Performance Characteristics
A: Switch Voltage,10V/div
B: Switch Current, 2A/div
C: Inductor Current, 2A/div
D: Output Ripple Voltage,100 mV/div, AC-Coupled
Figure 47. Switching Waveforms
Figure 48. VOUT Response to Load Current Step
Typical Boost Regulator Applications
Figure 49 through Figure 52 show four typical boost applications—one fixed and three using the adjustable
version of the LM2586. Each drawing contains the part number(s) and manufacturer(s) for every component. For
the fixed 12V output application, the part numbers and manufacturers' names for the inductor are listed in
Table 3. For applications with different output voltages, refer to the Switchers Made Simple software.
Figure 49. +5V to +12V Boost Regulator
Table 3 contains a list of standard inductors, by part number and corresponding manufacturer, for the fixed
output regulator of Figure 49.
Copyright © 1996–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com