Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5522IPAP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5522IPAP
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5522IPAP Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5522IPAP Datasheet HTML 14Page - Texas Instruments ADS5522IPAP Datasheet HTML 15Page - Texas Instruments ADS5522IPAP Datasheet HTML 16Page - Texas Instruments ADS5522IPAP Datasheet HTML 17Page - Texas Instruments ADS5522IPAP Datasheet HTML 18Page - Texas Instruments ADS5522IPAP Datasheet HTML 19Page - Texas Instruments ADS5522IPAP Datasheet HTML 20Page - Texas Instruments ADS5522IPAP Datasheet HTML 21Page - Texas Instruments ADS5522IPAP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
InputFrequency − MHz
62
64
66
68
71
70
69
67
65
63
20
40
60
80
100
120
140
160
180
200
220
10
20
30
40
50
60
70
80
90
100
60
61
62
63
63
64
64
65
65
66
66
66
67
67
67
68
68
68
68
69
69
69
69
69
70
70
70
70
71
71
71
71
61
63
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
Typ, min, max values at T
A = 25  C, full temperature range is TMIN = –40  C to TMAX = 85  C, AVDD = DRVDD = 3.3 V,
sampling rate = 80 MSPS, 50% clock duty cycle, 3-Vpp differential clock, and –1 dBFS differential input, unless otherwise
noted
SIGNAL-TO-NOISE RATIO (SNR)
Figure 35.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com