Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5522IPAP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5522IPAP
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5522IPAP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5522IPAP Datasheet HTML 15Page - Texas Instruments ADS5522IPAP Datasheet HTML 16Page - Texas Instruments ADS5522IPAP Datasheet HTML 17Page - Texas Instruments ADS5522IPAP Datasheet HTML 18Page - Texas Instruments ADS5522IPAP Datasheet HTML 19Page - Texas Instruments ADS5522IPAP Datasheet HTML 20Page - Texas Instruments ADS5522IPAP Datasheet HTML 21Page - Texas Instruments ADS5522IPAP Datasheet HTML 22Page - Texas Instruments ADS5522IPAP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
www.ti.com
72
74
76
78
80
82
84
86
88
InputFrequency − MHz
20
40
60
80
100
120
140
160
180
200
220
10
20
30
40
50
60
70
80
90
100
4
6
66
66
66
68
68
68
70
70
70
72
72
72
74
74
74
76
76
76
78
78
78
78
80
80
80
80
80
82
82
82
82
82
84
84
84
84
84
84
84
84
86
86
86
86
86
86
86
86
86
86
86
88
88
84
90
88
88
86
88
88
88
84
90
88
86
90
64
66
68
70
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typ, min, max values at T
A = 25  C, full temperature range is TMIN = –40  C to TMAX = 85  C, AVDD = DRVDD = 3.3 V,
sampling rate = 80 MSPS, 50% clock duty cycle, 3-Vpp differential clock, and –1 dBFS differential input, unless otherwise
noted
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
Figure 36.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com