Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5522IPAP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5522IPAP
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5522IPAP Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5522IPAP Datasheet HTML 23Page - Texas Instruments ADS5522IPAP Datasheet HTML 24Page - Texas Instruments ADS5522IPAP Datasheet HTML 25Page - Texas Instruments ADS5522IPAP Datasheet HTML 26Page - Texas Instruments ADS5522IPAP Datasheet HTML 27Page - Texas Instruments ADS5522IPAP Datasheet HTML 28Page - Texas Instruments ADS5522IPAP Datasheet HTML 29Page - Texas Instruments ADS5522IPAP Datasheet HTML 30Page - Texas Instruments ADS5522IPAP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
www.ti.com
SERIAL PROGRAMMING INTERFACE
Assembly Process
PowerPAD PACKAGE
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
The PowerPAD package is designed so that the lead
frame die pad (or thermal pad) is exposed on the
The
ADS5522
has
internal
registers
for
the
bottom of the IC. This provides a low thermal
programming of some of the modes described in the
resistance path between the die and the exterior of
previous sections. The registers should be reset after
the package. The thermal pad on the bottom of the
power-up by applying a 2
µs (minimum) high pulse
IC can then be soldered directly to the printed circuit
on RESET (pin 35); this also resets the entire ADC
board (PCB), using the PCB as a heatsink.
and sets the data outputs to low. This pin has a
200-k
Ω internal pullup resistor to AV
DD.
The
programming is done through a three-wire interface.
1. Prepare
the
PCB
top-side
etch
pattern
Table 2 shows the different modes and the bit values
including etch for the leads as well as the
to be written to the register to enable them.
thermal pad as illustrated in the Mechanical
Data section. The recommended thermal pad
Note that some of these modes may modify the
dimension is 8 mm x 8 mm.
standard operation of the device and possibly vary
2. Place a 5-by-5 array of thermal vias in the
the performance with respect to the typical data
thermal pad area. These holes should be 13
shown in this data sheet.
mils in diameter. The small size prevents
Applying a RESET signal is absolutely essential to
wicking of the solder through the holes.
set the internal registers to their default states for
3. It is recommended to place a small number of
normal operation. If the hardware RESET function is
25 mil diameter holes under the package, but
not used in the system, the RESET pin must be tied
outside the thermal pad area to provide an
to ground and it is necessary to write the default
additional heat path.
values to the internal registers through the serial
4. Connect all holes (both those inside and
programming interface. The registers must be written
outside the thermal pad area) to an internal
in the following order.
copper plane (such as a ground plane).
Write 9000h (Address 9, Data 000)
5. Do not use the typical web or spoke via
Write A000h (Address A, Data 000)
connection
pattern
when
connecting
the
Write B000h (Address B, Data 000)
thermal vias to the ground plane. The spoke
Write C000h (Address C, Data 000)
pattern increases the thermal resistance to the
Write D000h (Address D, Data 000)
ground plane.
Write E000h (Address E, Data 804)
6. The
top-side
solder
mask
should
leave
exposed the terminals of the package and the
Write 0000h (Address 0, Data 000)
thermal pad area.
Write 1000h (Address 1, Data 000)
7. Cover the entire bottom side of the PowerPAD
Write F000h (Address F, Data 000)
vias to prevent solder wicking.
NOTE:
8. Apply solder paste to the exposed thermal
This procedure is only required if a RESET pulse
pad area and all of the package terminals.
is not provided to the device.
For
more
detailed
information
regarding
the
PowerPAD package and its thermal properties, see
either the application brief SLMA004B (PowerPAD
The PowerPAD package is a thermally enhanced
Made Easy) or technical brief SLMA002 (PowerPAD
standard size IC package designed to eliminate the
Thermally Enhanced Package).
use of bulky heatsinks and slugs traditionally used in
thermal packages. This package can be easily
mounted using standard printed circuit board (PCB)
assembly techniques and can be removed and
replaced using standard repair procedures.
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com