Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6482IM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482IM/NOPB
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482IM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMC6482IM/NOPB Datasheet HTML 17Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 18Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 19Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 20Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 21Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 22Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 23Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 24Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
LMC6482
www.ti.com
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
Figure 65. Inverting Amplifier Typical Connections of Guard Rings
Figure 66. Non-Inverting Amplifier Typical Connections of Guard Rings
Figure 67. Follower Typical Connections of Guard Rings
The designer should be aware that when it is inappropriate to lay out a PC board for the sake of just a few
circuits, there is another technique which is even better than a guard ring on a PC board: Don't insert the
amplifier's input pin into the board at all, but bend it up in the air and use only air as an insulator. Air is an
excellent insulator. In this case you may have to forego some of the advantages of PC board construction, but
the advantages are sometimes well worth the effort of using point-to-point up-in-the-air wiring. See Figure 68.
(Input pins are lifted out of PC board and soldered directly to components. All other pins connected to PC board.)
Figure 68. Air Wiring
OFFSET VOLTAGE ADJUSTMENT
Offset voltage adjustment circuits are illustrated in Figure 69 and Figure 70. Large value resistances and
potentiometers are used to reduce power consumption while providing typically ±2.5mV of adjustment range,
referred to the input, for both configurations with VS = ±5V.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMC6482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com