Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6482IM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482IM/NOPB
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482IM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC6482IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 9Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 10Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 11Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
LMC6482
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VS = +15V, Single Supply, TA = 25°C unless otherwise specified
Sinking Current vs. Output Voltage
Sinking Current vs. Output Voltage
Figure 10.
Figure 11.
Output Voltage Swing vs. Supply Voltage
Input Voltage Noise vs. Frequency
Figure 12.
Figure 13.
Input Voltage Noise vs. Input Voltage
Input Voltage Noise vs. Input Voltage
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LMC6482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com