Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6482IM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482IM/NOPB
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482IM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMC6482IM/NOPB Datasheet HTML 9Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 10Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 11Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 12Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 13Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 14Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 15Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 16Page - Texas Instruments LMC6482IM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
LMC6482
www.ti.com
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VS = +15V, Single Supply, TA = 25°C unless otherwise specified
Non-Inverting Large Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Figure 40.
Figure 41.
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Figure 42.
Figure 43.
Inverting Large Signal Pulse Response
Inverting Large Signal Pulse Response
Figure 44.
Figure 45.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMC6482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com