Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3050 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
Table 3. AC Electrical Specifications
Electrical characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 2.8 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Motion Delay after Reset
tMOT-RST
50
ms
From RESET register write to valid motion
Power Down
tPD
50
ms
From PD active to low current
Wake from Power Down
tWAKEUP
50
55
ms
From PD inactive to valid motion (when
write 0x5a to register 0x3a)
MISO Rise Time
tr-MISO
40
200
ns
CL = 100 pF
MISO Fall Time
tf-MISO
40
200
ns
CL = 100 pF
MISO Delay after SCLK
tDLY-MISO
120
ns
From SCLK falling edge to MISO data valid,
no load condition
MISO Hold Time
thold-MISO
500
1/fSCLK
ns
Data held until next falling SCLK edge
MOSI Hold Time
thold-MOSI
200
ns
Amount of time data is valid after SCLK
rising edge
MOSI Setup Time
tsetup-MOSI
120
ns
From data valid to SCLK rising edge
SPI Time between
Write Commands
tSWW
30
μs
From rising SCLK for last bit of the first data
byte, Commands to rising SCLK for last bit
of the second data byte
SPI Time between
Write and Read Command
tSWR
20
μs
From rising SCLK f or last bit of the first
data byte, to rising SCLK for last bit of the
second address byte
SPI Time between Read and
Subsequent Commands
tSRW
tSRR
250
ns
From rising SCLK for last bit of the first data
byte, to falling SCLK for the first bit of the
next address
SPI Read Address-Data Delay tSRAD
4
μs
From rising SCLK for last bit of the address
byte, to falling SCLK for first bit of data
being read
NCS to SCLK Active
tNCS-SCLK
120
ns
From NCS falling edge to first SCLK falling
edge
SCLK to NCS Inactive
(for Read Operation)
tSCLK-NCS
120
ns
From last SCLK rising edge to NCS rising
edge, for valid MISO data transfer
SCLK to NCS Inactive
(for Write Operation)
tSCLK-NCS
20
μs
From last SCLK rising edge to NCS rising
edge, for valid MOSI data transfer
NCS to MISO high-Z
tNCS-MISO
250
ns
From NCS rising edge to MISO high-Z state
Transient Supply Current
IDDT
60
mA
Max supply current during a VDD ramp
from 0 to VDD
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com