Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3050 Datasheet(PDF) 20 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 20 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 24Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
20
Figure 23. Mean shutter vs. Z (white paper).
Figure 22. Shutter (white paper).
SHUT_HI
Address: 0x06
Access: Read
Reset Value: 0x01
Bit
76543210
Field
S15
S14
S13
S12
S11
S10
S9
S8
SHUT_LO
Address: 0x07
Access: Read
Reset Value: 0x00
Bit
76543210
Field
S7
S6
S5
S4
S3
S2
S1
S0
Data Type: Sixteen bit unsigned integer.
USAGE:
Units are in clock cycles. Read SHUT_HI first, then SHUT_LO. They should be read consecutively. The shutter is
adjusted to keep the average and maximum pixel values within normal operating ranges. The shutter value
is automatically adjusted.
Shutter (White Paper)
0
50
100
150
200
250
300
350
400
450
500
Count
Mean Shutter vs Z (White paper)
0
50
100
150
200
250
300
350
400
450
500
550
600
1.6
1.82
2.22.42.62.83
3.2
Distance from Lens Reference Plane to Tracking Surface - Z (mm)
Avg-3sigma
Avg
Avg+3sigma
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com