Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3050 Datasheet(PDF) 29 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 29 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 31Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
29
LED_PRECHARGE
Address: 0x34
Access: Read/Write
Reset Value: 0xa0
Bit
7
6543210
Field
LED_PRE
LED_PRE
LED_PRE
LED_PRE
LED_PRE
LED_PRE
LED_PRE
LED_PRE
Data Type: Bit field
USAGE:
This register is used to configure the LED precharge of the sensor. The default pre flash is about 190uS for
nominal clock of 26MHz~28Mhz.
Bit
Field Name
Description
7:0
LED_PRECHARGE
precharge time (in clock counts) = LED_PRECHARGE" *32 + 30
FRAME_IDLE
Address: 0x35
Access: Read/Write
Reset Value: 0x00
Bit
7
6543210
Field
FRAME_IDLE
FRAME_IDLE
FRAME_IDLE
FRAME_IDLE
FRAME_IDLE
FRAME_IDLE
FRAME_IDLE
FRAME_IDLE
Data Type: Eight Bit Unsigned Integer
USAGE:
This register is used to control the frame rate. The value in this register is used to add frame idling time, which
effectively reduces the frame rate.
frame_idle_time (in clock counts) = (register value) * 32
Frame period (in clock counts) = shutter_time (reg 0x06 and reg 0x07) + (3400 clocks) + frame_idle_time
When this register is set to 0x00, the maximum frame rate is about 6666 fps @26MHz internal clock frequency
Bit
Field Name
Description
7:0
FRAME_IDLE
Frame Idling time(in clock counts)=FRAME_IDLE*32
POWER_UP_RESET
Address: 0x3a
Access: Write
Reset Value: 0x00
Bit
7
6543210
Field
RESET
RESET
RESET
RESET
RESET
RESET
RESET
RESET
Data Type: Bit field
USAGE:
This register is used to configure the resolution of the sensor.
Bit
Field Name
Description
7:0
POWER_UP_RESET
Power up reset. 0x5a/0x5b for full reset. 0x96/0x97 for partial reset.
Address: 0x
3b
Access:
Write
Reset Value: 0x
00
Bit
7
6543210
Field
SD
SD
SD
SD
SD
SD
SD
SD
Data Type:
Bit field
USAGE:
This register
is used to shut down the sensor
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed o any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
Bit
Field Name
Description
7:0
SHUTDOWN
Chip Shutdown
Write 0xe7 to power down sensor.
Write 0x5a to register 0x3a to reset the sensor in order to wake-up
SHUTDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com