Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE04S04 Datasheet(PDF) 7 Page - Tyco Electronics

Part # ADE04S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE04S04 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button ADE04S04 Datasheet HTML 3Page - Tyco Electronics ADE04S04 Datasheet HTML 4Page - Tyco Electronics ADE04S04 Datasheet HTML 5Page - Tyco Electronics ADE04S04 Datasheet HTML 6Page - Tyco Electronics ADE04S04 Datasheet HTML 7Page - Tyco Electronics ADE04S04 Datasheet HTML 8Page - Tyco Electronics ADE04S04 Datasheet HTML 9Page - Tyco Electronics ADE04S04 Datasheet HTML 10Page - Tyco Electronics ADE04S04 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
6
Switches
Tactile Switches
FSM Turtle
I Side actuated tactile
Turtle
SMT
No
No
No
No
No / Optional
No
1.6 N
100,000 ops.
-20…+85°C
4.0 x 7.15 x 1.7 mm
-
Tape and Reel, Bulk
Tactiles
Style
Mounting style
Right angle versions
Low profile versions
Flush actuator version
Different actuator styles
ESD grounding term./locating post
Sealed versions
Standard actuation force
Electrical endurance
Operating temperature range
Dimensions horizontal ver. (LxWxH)
Dimensions sealed ver. (LxWxH)
Packaging
Tactiles
Style
Mounting style
Right angle versions
Low profile versions
Flush actuator version
Different actuator styles
ESD grounding term./locating post
Sealed versions
Standard actuation force
Electrical endurance
Operating temperature range
Dimensions horizontal ver. (LxWxH)
Dimensions sealed ver. (LxWxH)
Packaging
FSMCT Series
I Low profile
5x5
SMT
No
No
No
No
No / No
No
1.6, 2.6 N
up to 1,000,000 ops.
-20…+85°C
5.2 x 5.2 x 1.5 mm
-
Tape and Reel
FSMLPU
I Ultra low profile
I 0.6 mm high only
5x5
SMT
No
Standard
Standard
No
No / No
No
1.6 N
500.000 ops.
-20…+70°C
4.8 x 4.8 x 0.6 mm
-
Tape and Reel
FSM . MS Series
I Low profile
I Side actuated
Miniature side actuated
SMT
Yes
No
No
No
No / Optional
No
2.2, 2.5 N
100.000 ops.
-20…+85°C
refer to catalogue
-
Tape and Reel
FSMMSH Series
I Small PCB space required
I Side actuated
Miniature side actuated
SMT
Yes
No
No
No
No / Optional
No
1.6 N
100,000 ops.
-20…+70°C
4.5 x 2.55 x 3.3 mm
-
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com