Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE04S04 Datasheet(PDF) 6 Page - Tyco Electronics

Part # ADE04S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE04S04 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button ADE04S04 Datasheet HTML 2Page - Tyco Electronics ADE04S04 Datasheet HTML 3Page - Tyco Electronics ADE04S04 Datasheet HTML 4Page - Tyco Electronics ADE04S04 Datasheet HTML 5Page - Tyco Electronics ADE04S04 Datasheet HTML 6Page - Tyco Electronics ADE04S04 Datasheet HTML 7Page - Tyco Electronics ADE04S04 Datasheet HTML 8Page - Tyco Electronics ADE04S04 Datasheet HTML 9Page - Tyco Electronics ADE04S04 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
Tactile Switches
5
Switches
FSM 6 x 6 Series
I Different actuator and
mounting versions
I 105°C versions available
6x6
THT, SMT
Yes
Yes
Yes
Yes
Optional / No
Yes
1.0, 1.6, 2.6, 5.2 N
up to 2,000,000 ops.
-40…+85°C, (+105°C)
6 x 6 x 4.3…17 mm
-
Tape and Reel, Bulk
FSM . SM/JM LP
Series
I Small PCB footprint
I Low profile
I SMT and SMT up pinning
4x6
SMT
No
Standard
No
No
No / No
No
1.6, 2.6 N
up to 1,000,000 ops.
-40…+85°C
4.2 x 6 x 2.5 mm
-
Tape and Reel
FSM . SM/JM Series
I Small PCB footprint
3.5 x 6
THT, SMT
No
No
Yes
Yes
No / No
Yes
1.3, 1.8 N
up to 100,000 ops.
-40…+85°C
3.5 x 6 x 4.3...5 mm
4.7 x 6.8 x 4.3…5 mm
Tape and Reel, Bulk
FSM 10 Series
I Different actuator and
mounting versions
12 x 12
THT, SMT
Yes
No
Yes
Yes
No / Optional
Yes
1.6, 2.6 N
up to 1,000,000 ops.
-35…+85°C
12 x 12.5 x 4.3…12 mm
12 x 12.5 x 4.3…7.3 mm
Tape and Reel, Bulk
Tactiles
Style
Mounting style
Right angle versions
Low profile versions
Flush actuator version
Different actuator styles
ESD grounding term./locating post
Sealed versions
Standard actuation force
Electrical endurance
Operating temperature range
Dimensions horizontal ver. (LxWxH)
Dimensions sealed ver. (LxWxH)
Packaging
Tactiles
Style
Mounting style
Right angle versions
Low profile versions
Flush actuator version
Different actuator styles
ESD grounding term./locating post
Sealed versions
Standard actuation force
Electrical endurance
Operating temperature range
Dimensions horizontal ver. (LxWxH)
Dimensions sealed ver. (LxWxH)
Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com