Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE04S04 Datasheet(PDF) 3 Page - Tyco Electronics

Part # ADE04S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE04S04 Datasheet(HTML) 3 Page - Tyco Electronics

  ADE04S04 Datasheet HTML 1Page - Tyco Electronics ADE04S04 Datasheet HTML 2Page - Tyco Electronics ADE04S04 Datasheet HTML 3Page - Tyco Electronics ADE04S04 Datasheet HTML 4Page - Tyco Electronics ADE04S04 Datasheet HTML 5Page - Tyco Electronics ADE04S04 Datasheet HTML 6Page - Tyco Electronics ADE04S04 Datasheet HTML 7Page - Tyco Electronics ADE04S04 Datasheet HTML 8Page - Tyco Electronics ADE04S04 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
2
Switches
GDHL Series
I Ultra low profile
I Half pitch
I Gold contacts
2, 4, 6, 8, 10
SMT
Yes
25 mA @ 24 Vdc
1000 ops.
-30…+85°C
4.5 x 1.45 mm
Tube, Tape and Reel
DIP Switches - GD Series, High Feature Line
Dips
Standard number of positions
Mounting style
Tape seal
Contact rating
Electrical endurance
Operating temperature range
Dimensions (WxH)
Packaging
GDR Series
I Recessed rocker actuator
I Classic profile
I Gold contacts
2, 4, 6, 8, 10
THT, SMT
Yes
25 mA @ 24 Vdc
1000 ops.
-30…+85°C
9.6 x 6.9 mm
Tube, Tape and Reel
GDP Series
I Piano actuator
I Classic profile
I Gold contacts
2, 4, 6, 8, 10
THT, SMT
Yes
25 mA @ 24 Vdc
1000 ops.
-30…+85°C
9.6 x 8.7 mm
Tube, Tape and Reel
GDS Series
I Low profile
I End stackable
I Auto insertable
I Gold contacts
2, 4, 6, 8, 10
THT, SMT
Yes
25 mA @ 24 Vdc
1000 ops.
-30…+85°C
6.2 x 2.7 mm
Tube, Tape and Reel
GDH Series
I Low profile
I Half pitch
I Gold contacts
2, 4, 6, 8, 10
SMT
Yes
25 mA @ 24 Vdc
1000 ops.
-30…+85°C
6.2 x 3.2 mm
Tape and Reel
Dips
Standard number of positions
Mounting style
Tape seal
Contact rating
Electrical endurance
Operating temperature range
Dimensions (WxH)
Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com