Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE08S04 Datasheet(PDF) 19 Page - Tyco Electronics

Part # ADE08S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE08S04 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button ADE08S04 Datasheet HTML 15Page - Tyco Electronics ADE08S04 Datasheet HTML 16Page - Tyco Electronics ADE08S04 Datasheet HTML 17Page - Tyco Electronics ADE08S04 Datasheet HTML 18Page - Tyco Electronics ADE08S04 Datasheet HTML 19Page - Tyco Electronics ADE08S04 Datasheet HTML 20Page - Tyco Electronics ADE08S04 Datasheet HTML 21Page - Tyco Electronics ADE08S04 Datasheet HTML 22Page - Tyco Electronics ADE08S04 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
18
Switches
FSM 10 Series, 12 x 12
FSM Turtle
FSMMSH Series
FSM . MS Series
FSMCT Series
FSMLPU
Preferred Part Numbers - Tactile Switches (Continued)
Product key
Act Force
Height
Mounting
Packaging
Part number
F
FS
SM
M1
10
0
FSM100
1.6 N
4.3 mm
THT
bulk
1437565-2
FSM101
7.5 mm
1437565-3
FSM102
12 mm
1437565-4
FSM103
7.3 mm
THT, square button
1437565-5
FSM104
-
THT, right angle
1437565-6
F
FS
SM
M1
10
0,, S
Se
ea
alle
ed
d
FSM100SSM
1.6 N
4.3 mm
SMT
bulk
1571218-1
FSM100SSMTR
tape and reel
1571218-3
FSM100S
THT
bulk
1571220-1
Product key
Act Force
Height
Mounting
Packaging
Part number
FSM1MSJMPTR
2.2±.8 N
1.5 mm
SMT/J w/loc
tape and reel
1571908-1
FSM1MSJMTR
SMT/J wo/loc
1571908-2
FSM2MSSMATR
2.5±.5 N
1.65 mm
SMT wo/loc
1571895-1
FSM3MSJMPTR
2.2±.8 N
SMT/J w/loc
1571910-1
FSM3MSJMTR
SMT/J wo/loc
1571910-2
FSM3MSSMPTR
SMT w/loc
1571909-1
FSM3MSSMTR
SMT wo/loc
1571909-2
Product key
Act Force
Height
Mounting
Packaging
Part number
FSMMSHPTR
1.6N
3.3 mm
SMT, w/loc. pegs
tape and reel
1977066-1
FSMMSHTR
SMT, no pegs
1977067-1
Product key
Act Force
Height
Mounting
Packaging
Part number
FSMMST
1.6 N
1.8 mm
SMT
bulk
1571262-1
FSMMSTTR
tape and reel
1571262-2
Product key
Act Force
Height
Mounting
Packaging
Part number
FSMCTTR
1.6 N
1.5 mm
SMT
tape and reel
8-1437565-0
FSMCTATR
2.6 N
8-1437565-1
Product key
Act Force
Height
Mounting
Packaging
Part number
FSMLPUTR
1.6 N
0.5 mm
SMT
tape and reel
1825534-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com