Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE08S04 Datasheet(PDF) 26 Page - Tyco Electronics

Part # ADE08S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE08S04 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button ADE08S04 Datasheet HTML 22Page - Tyco Electronics ADE08S04 Datasheet HTML 23Page - Tyco Electronics ADE08S04 Datasheet HTML 24Page - Tyco Electronics ADE08S04 Datasheet HTML 25Page - Tyco Electronics ADE08S04 Datasheet HTML 26Page - Tyco Electronics ADE08S04 Datasheet HTML 27Page - Tyco Electronics ADE08S04 Datasheet HTML 28Page - Tyco Electronics ADE08S04 Datasheet HTML 29Page - Tyco Electronics ADE08S04 Datasheet HTML 30Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
Switches
25
Preferred Part Numbers - Micro Switches
Product key
Terminals
Contacts
Actuator
Operating/Release Part number
MP16DTCOLG
spade terminal
SPDT 16 A
pin plunger
2.0 N / 0.5 N
1-1478607-1
MP16DTCNLD
normal lever
1-1478607-3
MP16DTCNRD
normal roller
1-1478607-6
MP16DTCSMD
simulator lever
1-1478607-7
Product key
Terminals
Contacts
Actuator
Operating/Release Part number
SP5DTBOLE
PCB
SPDT 5 A
pin plunger
1.5 N / 0.2 N
1-1478601-1
SP5DTBNLC
normal lever
1-1478601-2
SP5DTBNRD
normal roller
1-1478601-4
SP5DTBSMA
simulator lever
1-1478601-5
Product key
Terminals
Contacts
Actuator
Operating/Release Part number
UP3DTANLA04
PCB
SPDT
normal lever
0.5 N / 0.08 N
1-1825043-5
UP3DTAOLA04
3A
pin plunger
1.5 N / 0.2 N
1-1825043-3
UP01DTANLA04
SPDT
normal lever
0.5 N / 0.08 N
1825043-3
UP01DTAOLA04
0.1A
pin plunger
1.5 N / 0.2 N
1825043-1
MP Miniature Micro Switch
SP Sub Miniature Micro
Switch
UP Ultra Miniature Micro
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com