Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE08S04 Datasheet(PDF) 21 Page - Tyco Electronics

Part # ADE08S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE08S04 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button ADE08S04 Datasheet HTML 17Page - Tyco Electronics ADE08S04 Datasheet HTML 18Page - Tyco Electronics ADE08S04 Datasheet HTML 19Page - Tyco Electronics ADE08S04 Datasheet HTML 20Page - Tyco Electronics ADE08S04 Datasheet HTML 21Page - Tyco Electronics ADE08S04 Datasheet HTML 22Page - Tyco Electronics ADE08S04 Datasheet HTML 23Page - Tyco Electronics ADE08S04 Datasheet HTML 24Page - Tyco Electronics ADE08S04 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
20
Switches
Preferred Part Numbers - Slide Switches (Continued)
S, SE Series
STS, SDS Series
TSS Series
MSS, MSSA Series
Product key
Type
Mounting
Packaging
Part number
S
S
S1EGPC04
1 Pole, On-Off-On
THT
bulk
5-1571005-2
S2EGPC04
2 Pole, On-Off-On
5-1571005-4
S
S R
Riig
gh
htt A
An
ng
glle
e
S1EGRA04
1 Pole, On-Off-On
THT
bulk
5-1571006-2
S2EGRA04
2 Pole, On-Off-On
5-1571006-4
S
SE
E S
Se
ea
alle
ed
d
SE1EGPC04
1 Pole, On-Off-On
THT
bulk
1825032-2
SE2EGPC04
2 Pole, On-Off-On
1825032-4
SE1GSMTTR04
1 Pole, On-Off
SMT
tape and reel
5-1571004-4
SE1EGSMTTR04
1 Pole, On-Off-On
5-1571004-5
S
SE
E S
Se
ea
alle
ed
d R
Riig
gh
htt A
An
ng
glle
e
SE1EGRA04
1 Pole, On-Off-On
THT
bulk
1825031-2
SE2EGRA04
2 Pole, On-Off-On
1825031-4
Product key
Type
Mounting
Throw function
Part number
STS121PC04
SPDT
THT
1825159-1
STS1300PC04
SP3T
common pin 2
1825161-1
STS131PC04
1825159-2
STS1400PC04
SP4T
common pin 3
1825161-2
STS141PC04
1825159-3
STS151PC04
SP5T
1825159-4
STS161PC04
SP6T
1825159-5
STS220PC04
DPDT
1825163-1
STS2300PC04
DP3T
common pin 2
1825164-1
STS230PC04
1825163-2
STS2400PC04
DP4T
common pin 3
1825165-1
STS240PC04
1825163-3
STS250PC04
DP5T
1825163-4
STS260PC04
DP6T
1825163-5
Product key
Type
Positions
Packaging
Part number
T
TS
SS
S S
Siin
ng
glle
e
TSS11DGPC04
SPDT
On-None-On
bulk
1571982-1
TSS11EGPC04
On-Off-On
1571982-4
T
TS
SS
S S
Siin
ng
glle
e,, F
Fllu
us
sh
h a
ac
cttu
ua
atto
orr
TSS11DG1PC04
SPDT
On-None-On
bulk
1571982-2
TSS11EG1PC04
On-Off-On
1571982-3
T
TS
SS
S D
Du
ua
all
TSS21KGPC04
DPST
On-None-Off
bulk
1571982-5
TSS21NGPC04
DPDT
On-None-On
1571982-7
TSS21PGPC04
On-Off-On
1571982-9
T
TS
SS
S D
Du
ua
all,, F
Fllu
us
sh
h a
ac
cttu
ua
atto
orr
TSS21NG1PC04
DPST
On-None-Off
bulk
1571982-6
TSS21PG1PC04
DPDT
On-None-On
1571982-8
TSD21DDGPC04
On-Off-On
1825015-1
Product key
Type
Contact material
Version
Part number
MSS120004
SPDT
Ag
vertical
1825257-1
MSS1200G04
Au
1825257-2
MSS1200R04
Ag
right angle
1825258-1
MSS1200RG04
Au
1825258-2
MSS130004
SP3T
Ag
vertical
1825259-1
MSS1300G04
Au
1825259-2
MSS1300R04
Ag
right angle
1825260-1
MSS1300RG04
Au
1825260-2
MSS140004
SP4T
Ag
vertical
1571423-2
MSS222504
DPDT
1825262-1
MSS2225G04
Au
1825262-2
MSS420004
4PDT
Ag
1825264-1
MSS4200G04
Au
1825264-2
MSS4200R04
Ag
right angle
1825265-1
MSS4200RG04
Au
1825265-2
MSS430004
4P3T
Ag
vertical
1825267-1
MSS4300G04
Au
1825267-2
MSS4300R04
Ag
right angle
1825268-1
MSS4300RG04
Au
1825268-2
MSS620004
6PDT
Ag
vertical
1825271-1
MSS6200G04
Au
1825271-2
MSS635004
6P3T
Ag
1825273-1
MSS6350R04
right angle
1825274-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com