Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347ECVRAGFB Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRAGFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRAGFB Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRAGFB Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
46
Freescale Semiconductor
I2C
12 I2C
This section describes the DC and AC electrical characteristics for the I2C interface of the MPC8347EA.
12.1
I2C DC Electrical Characteristics
Table 42 provides the DC electrical characteristics for the I2C interface of the MPC8347EA.
12.2
I2C AC Electrical Specifications
Table 43 provides the AC timing parameters for the I2C interface of the MPC8347EA. Note that all values
refer to VIH(min) and VIL(max) levels (see Table 42).
Table 42. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 10%.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
× OV
DD
OVDD +0.3
V
—
Input low voltage level
VIL
–0.3
0.3
× OV
DD
V—
Low level output voltage
VOL
00.2
× OV
DD
V1
Output fall time from VIH(min) to VIL(max) with a bus
capacitance from 10 to 400 pF
tI2KLKV
20 + 0.1
× C
B
250
ns
2
Pulse width of spikes which must be suppressed by the
input filter
tI2KHKL
050
ns
3
Input current each I/O pin (input voltage is between
0.1
× OV
DD and 0.9 × OVDD(max)
II
–10
10
μA4
Capacitance for each I/O pin
CI
—10
pF
—
Notes:
1. Output voltage (open drain or open collector) condition = 3 mA sink current.
2. CB = capacitance of one bus line in pF.
3. Refer to the MPC8349EA Integrated Host Processor Family Reference Manual, for information on the digital filter used.
4. I/O pins obstruct the SDA and SCL lines if OVDD is switched off.
Table 43. I2C AC Electrical Specifications
Parameter
Symbol1
Min
Max
Unit
SCL clock frequency
fI2C
0
400
kHz
Low period of the SCL clock
tI2CL
1.3
—
μs
High period of the SCL clock
tI2CH
0.6
—
μs
Setup time for a repeated START condition
tI2SVKH
0.6
—
μs
Hold time (repeated) START condition (after this period, the first clock
pulse is generated)
tI2SXKL
0.6
—
μs
Data setup time
tI2DVKH
100
—
ns
Data hold time:CBUS compatible masters
I2C bus devices
tI2DXKL
—
02
—
0.93
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com