Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347ECVRAGFB Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRAGFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRAGFB Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8347ECVRAGFB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
5
Overview
— Can operate as a stand-alone USB host controller
– USB root hub with one downstream-facing port
– Enhanced host controller interface (EHCI) compatible
– High-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps) operations
— External PHY with UTMI, serial and UTMI+ low-pin interface (ULPI)
•
Universal serial bus (USB) multi-port host controller
— Can operate as a stand-alone USB host controller
– USB root hub with one or two downstream-facing ports
– Enhanced host controller interface (EHCI) compatible
– Complies with USB Specification Rev. 2.0
— High-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps) operations
— Direct connection to a high-speed device without an external hub
— External PHY with serial and low-pin count (ULPI) interfaces
•
Local bus controller (LBC)
— Multiplexed 32-bit address and data operating at up to 133 MHz
— Eight chip selects for eight external slaves
— Up to eight-beat burst transfers
— 32-, 16-, and 8-bit port sizes controlled by an on-chip memory controller
— Three protocol engines on a per chip select basis:
– General-purpose chip select machine (GPCM)
– Three user-programmable machines (UPMs)
– Dedicated single data rate SDRAM controller
— Parity support
— Default boot ROM chip select with configurable bus width (8-, 16-, or 32-bit)
•
Programmable interrupt controller (PIC)
— Functional and programming compatibility with the MPC8260 interrupt controller
— Support for 8 external and 35 internal discrete interrupt sources
— Support for 1 external (optional) and 7 internal machine checkstop interrupt sources
— Programmable highest priority request
— Four groups of interrupts with programmable priority
— External and internal interrupts directed to host processor
— Redirects interrupts to external INTA pin in core disable mode.
— Unique vector number for each interrupt source
•
Dual industry-standard I2C interfaces
— Two-wire interface
— Multiple master support
— Master or slave I2C mode support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com