Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH6 Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # STM32F207ICH6
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STM32F207ICH6 Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button STM32F207ICH6 Datasheet HTML 98Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 99Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 100Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 101Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 102Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 103Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 104Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 105Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 178 page
background image
Electrical characteristics
STM32F20xxx
102/178
DocID15818 Rev 11
6.3.16
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 50 are derived from tests
performed under the conditions summarized in Table 14: General operating conditions.
All I/Os are CMOS and TTL compliant except for BOOT0 and BOOT1.
Table 46. I/O static characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low level
input voltage
TTa, FT and
NRST I/Os
1.6 V ≤ VDD ≤ 3.6 V
-
-
0.35VDD–0.04(2)
V
BOOT0
-
-
TBD(2)
I/O input low
level voltage
except BOOT0
-
-
0.3VDD(3)
VIH
High level
input voltage
TTa, FT and
NRST I/Os(4)
0.45VDD+0.3(2)
--
BOOT0
TBD(2)
--
I/O input low
level voltage
except BOOT0
0.7VDD(3)
--
Vhys
Schmitt
trigger
hysteresis
TTa, FT and
NRST I/Os
10% VDDIO(2)(5)
--
mV
BOOT0
TBD(2)
--
Ilkg
I/O input leakage current (6)
VSS ≤ VIN ≤ VDD
--
±1
µA
I/O FT input leakage current (5)
VIN = 5V
-
-
3
RPU
Weak pull-up
equivalent
resistor(7)
All pins except
for PA10 and
PB12
VIN = VSS
30
40
50
k
Ω
PA10 and PB12
8
11
15
RPD
Weak pull-
down
equivalent
resistor
All pins except
for PA10 and
PB12
VIN = VDD
30
40
50
PA10 and PB12
8
11
15
CIO(2)
I/O pin
capacitance
5pF
1. TBD stands for “to be defined”.
2. Data based on design simulation only. Not tested in production.
3. Tested in production.
4. To sustain a voltage higher than VDD +0.3 V, the internal pull-up/pull-down resistors must be disabled.
5. With a minimum of 200 mV.
6. Leakage could be higher than the maximum value, if negative current is injected on adjacent pins.
7. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
MOS/NMOS contribution to the series resistance is minimum (~10% order)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com