Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH6 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # STM32F207ICH6
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STM32F207ICH6 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button STM32F207ICH6 Datasheet HTML 39Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 40Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 41Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 42Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 43Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 44Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 45Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 46Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 178 page
background image
DocID15818 Rev 11
43/178
STM32F20xxx
Pinouts and pin description
177
Figure 15. STM32F20x UFBGA176 ballout
1. RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
2. The above figure shows the package top view.
1
2
3
9
10
11
12
13
14
15
A
PE3
PE2
PE1
PE0
PB8
PB5
PG14
PG13
PB4
PB3
PD7
PC12
PA15
PA14
PA13
B
PE4
PE5
PE6
PB9
PB7
PB6
PG15PG12PG11PG10
PD6
PD0
PC11
PC10
PA12
CVBAT
PI7
PI6
PI5
RFU
VDD
VDD
VDD
VDD
PG9
PD5
PD1
PI3
PI2
PA11
D
PC13-
TAMP1
PI8-
TAMP2
PI9
PI4
BOOT0
VSS
VSS
VSS
PD4
PD3
PD2
PH15
PI1
PA10
E
PC14-
OSC32_IN
PF0
PI10
PI11
PH13
PH14
PI0
PA9
F
PC15-
OSC32_OUT
VSS
VDD
PH2
VSS
VSS
VSS
VSS
VSS
VSS
VCAP_2
PC9
PA8
G
PH0-
OSC_IN
VSS
VDD
PH3
VSS
VSS
VSS
VSS
VSS
VSS
VDD
PC8
PC7
H
PH1-
OSC_OUT
PF2
PF1
PH4
VSS
VSS
VSS
VSS
VSS
VSS
VDD
PG8
PC6
J
NRST
PF3
PF4
PH5
VSS
VSS
VSS
VSS
VSS
VDD
VDD
PG7
PG6
K
PF7
PF6
PF5
VDD
VSS
VSS
VSS
VSS
VSS
PH12
PG5
PG4
PG3
L
PF10
PF9
PF8
REGOFF
PH11
PH10
PD15
PG2
M
VSSA
PC0
PC1
PC2
PC3
PB2
PG1
VSS
VSS
VCAP_1
PH6
PH8
PH9
PD14
PD13
NVREF-
PA1
PA0-
WKUP
PA4
PC4
PF13
PG0
VDD
VDD
VDD
PE13
PH7
PD12
PD11
PD10
P
VREF+
PA2
PA6
PA5
PC5
PF12
PF15
PE8
PE9
PE11
PE14
PB12
PB13
PD9
PD8
R
VDDA
PA3
PA7
PB1
PB0
PF11
PF14
PE7
PE10
PE12
PE15
PB10
PB11
PB14
PB15
ai17293c
VSS
4
35
6
7
8
Table 7. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input/ output pin
I/O structure
FT
5 V tolerant I/O
TTa
3.3 V tolerant I/O
B
Dedicated BOOT0 pin
NRST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com