Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH6 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # STM32F207ICH6
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STM32F207ICH6 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button STM32F207ICH6 Datasheet HTML 51Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 52Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 53Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 54Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 55Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 56Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 57Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 58Page - List of Unclassifed Manufacturers STM32F207ICH6 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 178 page
background image
DocID15818 Rev 11
55/178
STM32F20xxx
Pinouts and pin description
177
-
-
98 142 170 A3
PE1
I/O FT
FSMC_NBL1, DCMI_D3,
EVENTOUT
--
-
-
-
D5
VSS
S
63 D8
-
-
-
-
VSS
S
-
-
99 143 171 C6
RFU
(7)
64 D9 100 144 172 C5
VDD
S
--
-
- 173 D4
PI4
I/O FT
TIM8_BKIN, DCMI_D5,
EVENTOUT
--
-
- 174 C4
PI5
I/O FT
TIM8_CH1, DCMI_VSYNC,
EVENTOUT
--
-
- 175 C3
PI6
I/O FT
TIM8_CH2, DCMI_D6,
EVENTOUT
--
-
- 176 C2
PI7
I/O FT
TIM8_CH3, DCMI_D7,
EVENTOUT
-
C8
-
-
-
-
IRROFF
I/O
1. Function availability depends on the chosen device.
2. PC13, PC14, PC15 and PI8 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 and PI8 in output mode is limited: the speed should not exceed 2 MHz with a
maximum load of 30 pF and these I/Os must not be used as a current source (e.g. to drive an LED).
3. Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F20x and STM32F21x reference manual, available from the STMicroelectronics
website: www.st.com.
4. FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
5. If the device is delivered in an UFBGA176 package and if the REGOFF pin is set to VDD (Regulator OFF), then PA0 is
used as an internal Reset (active low).
6. FSMC_NL pin is also named FSMC_NADV on memory devices.
7. RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
Table 8. STM32F20x pin and ball definitions (continued)
Pins
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
Table 9. FSMC pin definition
Pins
FSMC
LQFP100
CF
NOR/PSRAM/S
RAM
NOR/PSRAM Mux
NAND 16 bit
PE2
A23
A23
Yes
PE3
A19
A19
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com