Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1106WL Datasheet(PDF) 7 Page - ams AG

Part # AS1106WL
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106WL Datasheet(HTML) 7 Page - ams AG

Back Button AS1106WL Datasheet HTML 3Page - ams AG AS1106WL Datasheet HTML 4Page - ams AG AS1106WL Datasheet HTML 5Page - ams AG AS1106WL Datasheet HTML 6Page - ams AG AS1106WL Datasheet HTML 7Page - ams AG AS1106WL Datasheet HTML 8Page - ams AG AS1106WL Datasheet HTML 9Page - ams AG AS1106WL Datasheet HTML 10Page - ams AG AS1106WL Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
6 - 21
AS1106, AS1107
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VDD = 5V, RSET = 9.53k
Ω, TAMB = 25ºC (unless otherwise specified).
Figure 3. Scan Frequency vs.Temperature
Figure 4. Scan Frequency vs. VDD
Figure 5. ISEG vs. Temperature
Figure 6. ISEG vs. VDD
900
910
920
930
940
950
960
970
980
23456
VDD (V)
930
940
950
960
970
980
990
-40
-20
0
20406080
TAMB [°C]
0
5
10
15
20
25
30
35
40
45
50
-40
-20
0
20406080
TAMB (°C)
0
10
20
30
40
50
60
22.5
33.5
44.5
55.5
6
VDD (V)
VDD = 5V, VOUT = 2.4V
VDD = 5V, VOUT = 4V
VDD = 2.7V, VOUT = 2V
VDD = 2.7V, VOUT = 2.4V
VOUT = 1.7V
VOUT = 2.4V
VOUT = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com