Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1106WL Datasheet(PDF) 15 Page - ams AG

Part # AS1106WL
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106WL Datasheet(HTML) 15 Page - ams AG

Back Button AS1106WL Datasheet HTML 11Page - ams AG AS1106WL Datasheet HTML 12Page - ams AG AS1106WL Datasheet HTML 13Page - ams AG AS1106WL Datasheet HTML 14Page - ams AG AS1106WL Datasheet HTML 15Page - ams AG AS1106WL Datasheet HTML 16Page - ams AG AS1106WL Datasheet HTML 17Page - ams AG AS1106WL Datasheet HTML 18Page - ams AG AS1106WL Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
14 - 21
AS1106, AS1107
Datasheet - Application In form atio n
9 Application Information
9.1 Supply Bypassing and Wiring
In order to achieve optimal performance the AS1106/AS1107 should be placed very close to the LED display to minimize effects of
electromagnetic interference and wiring inductance.
Furthermore, it is recommended to connect a 10µF electrolytic and a 0.1µF ceramic capacitor between pins VDD and GND to avoid power
supply ripple (see Figure 14 on page 16).
Note:
Both GND pins must be connected to ground.
9.2 Selecting RSET Resistor Value and Using External Drivers
Brightness of the display segments is controlled via RSET. The current that flows between VDD and ISET defines the current that flows through
the LEDs.
Segment current is about 200 times the current in ISET. Typical values for RSET for different segment currents, operating voltages, and LED
voltage drop (VLED) are given in Tables 19 - 23. The maximum current the AS1106/AS1107 devices can drive is 40mA. If higher currents are
needed, external drivers must be used, in which case it is no longer necessary that the devices drive high currents.
In cases where the devices only drive a few digits, Table 16 specifies the maximum currents, and RSET must be set accordingly.
Note:
The display brightness can also be logically controlled (see Intensity Control Register (0xXA) on page 12).
Table 19. RSET vs. Segment Current and LED Forward Voltage, VDD = 2.7V
ISEG (mA)
VLED(V)
1.5
2.0
40
5k
Ω
4.4k
Ω
30
6.9k
Ω
5.9k
Ω
20
10.7k
Ω
9.6k
Ω
10
22.2k
Ω
20.7k
Ω
Table 20. RSET vs. Segment Current and LED Forward Voltage, VDD = 3.3V
ISEG (mA)
VLED(V)
1.5
2.0
2.5
40
6.7k
Ω
6.4k
Ω
5.7k
Ω
30
9.1k
Ω
8.8k
Ω
8.1k
Ω
20
13.9k
Ω
13.3k
Ω
12.6k
Ω
10
28.8k
Ω
27.7k
Ω
26k
Ω
Table 21. RSET vs. Segment Current and LED Forward Voltage, VDD = 3.6V
ISEG (mA)
VLED(V)
1.5
2.0
2.5
3.0
40
7.5k
Ω
7.2k
Ω
6.6k
Ω
5.5k
Ω
30
10.18k
Ω
9.8k
Ω
9.2k
Ω
7.5k
Ω
20
15.6k
Ω
15k
Ω
14.3k
Ω
13k
Ω
10
31.9k
Ω
31k
Ω
29.5k
Ω
27.3k
Ω
Table 22. RSET vs. Segment Current and LED Forward Voltage, VDD = 4.0V
ISEG (mA)
VLED(V)
1.5
2.0
2.5
3.0
3.5
40
8.6k
Ω
8.3k
Ω
7.9k
Ω
7.6k
Ω
5.2k
Ω
30
11.6k
Ω
11.2k
Ω
10.8k
Ω
9.9k
Ω
7.8k
Ω
20
17.7k
Ω
17.3k
Ω
16.6k
Ω
15.6k
Ω
13.6k
Ω
10
36.89k
Ω
35.7k
Ω
34.5k
Ω
32.5k
Ω
29.1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com