Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1106WL Datasheet(PDF) 6 Page - ams AG

Part # AS1106WL
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106WL Datasheet(HTML) 6 Page - ams AG

Back Button AS1106WL Datasheet HTML 2Page - ams AG AS1106WL Datasheet HTML 3Page - ams AG AS1106WL Datasheet HTML 4Page - ams AG AS1106WL Datasheet HTML 5Page - ams AG AS1106WL Datasheet HTML 6Page - ams AG AS1106WL Datasheet HTML 7Page - ams AG AS1106WL Datasheet HTML 8Page - ams AG AS1106WL Datasheet HTML 9Page - ams AG AS1106WL Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
5 - 21
AS1106, AS1107
Datasheet - Electrical Character i s t ics
Notes:
1. See Figure 12 on page 8 for more information.
2. All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Table 5. Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCP
CLK Clock Period
100
ns
tCH
CLK Pulse Width High
50
ns
tCL
CLK Pulse Width Low
50
ns
tCSS
CSM Fall to CLK Rise Setup Time
(AS1107 or AS1106 SPI-programmed)
25
ns
tCSH
CLK Rise to LOAD/CSN Rise
Hold Time
0ns
tDS
DIN Setup Time
25
ns
tDH
DIN Hold Time
0ns
tDO
Output Data Propagation Delay
CLOAD = 50pF
25
ns
tLDCK
LOAD Rising Edge to Next Clock Rising Edge
(AS1106 only)
50
ns
tCSW
Minimum LOAD/CSN Pulse High
50
ns
tDSPD
Data-to-Segment Delay
2.25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com