Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP201 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP201
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP201 Datasheet HTML 5Page - Microchip Technology MCP201 Datasheet HTML 6Page - Microchip Technology MCP201 Datasheet HTML 7Page - Microchip Technology MCP201 Datasheet HTML 8Page - Microchip Technology MCP201 Datasheet HTML 9Page - Microchip Technology MCP201 Datasheet HTML 10Page - Microchip Technology MCP201 Datasheet HTML 11Page - Microchip Technology MCP201 Datasheet HTML 12Page - Microchip Technology MCP201 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
© 2007 Microchip Technology Inc.
DS21730F-page 9
MCP201
FIGURE 1-4:
VOLTAGE REGULATOR OUTPUT ON POWER-ON RESET
Note 1:
Start-up, VBAT < 6.0V, regulator off.
2:
VBAT > 6.0V, regulator on.
3:
VBAT
≤ 5.5V, regulator tracks VBAT, regulator will turn
off when VREG < 3.5V.
5.5
3.5
3
0
VREG
V
---------------
(1)
(2)
(3)
t
0
t
6
2
8
4
VBAT
V
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com