Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP201 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP201
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP201 Datasheet HTML 16Page - Microchip Technology MCP201 Datasheet HTML 17Page - Microchip Technology MCP201 Datasheet HTML 18Page - Microchip Technology MCP201 Datasheet HTML 19Page - Microchip Technology MCP201 Datasheet HTML 20Page - Microchip Technology MCP201 Datasheet HTML 21Page - Microchip Technology MCP201 Datasheet HTML 22Page - Microchip Technology MCP201 Datasheet HTML 23Page - Microchip Technology MCP201 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MCP201
DS21730F-page 20
© 2007 Microchip Technology Inc.
FIGURE 3-2:
REGULATOR VOLTAGE (V) VS. REGULATOR CURRENT
VREGOUT (V) VBAT 18(V) -40(C)
VREGOUT (V) VBAT 14.4(V) -40(C)
VREGOUT (V) VBAT 8(V) -40(C)
VREGOUT (V) VBAT 6(V) -40(C)
VREGOUT (V) VBAT 18(V) 25(C)
VREGOUT (V) VBAT 14.4(V) 25(C)
VREGOUT (V) VBAT 8(V) 25(C)
VREGOUT (V) VBAT 6(V) 25(C)
VREGOUT (V) VBAT 18(V) 125(C)
VREGOUT (V) VBAT 14.4(V) 125(C)
VREGOUT (V) VBAT 8(V) 125(C)
VREGOUT (V) VBAT 6(V) 125(C)
Regulator Current (mA)
5.25
5.15
5.05
4.95
4.85
4.75
4.65
4.45
4.55
4.35
4.25
0
102030405060
dap/jx
2/28/03
30 parts
Y1004 B2
Regulator Voltage (V) vs. Regulator Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com