Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP201 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP201
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP201 Datasheet HTML 9Page - Microchip Technology MCP201 Datasheet HTML 10Page - Microchip Technology MCP201 Datasheet HTML 11Page - Microchip Technology MCP201 Datasheet HTML 12Page - Microchip Technology MCP201 Datasheet HTML 13Page - Microchip Technology MCP201 Datasheet HTML 14Page - Microchip Technology MCP201 Datasheet HTML 15Page - Microchip Technology MCP201 Datasheet HTML 16Page - Microchip Technology MCP201 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
© 2007 Microchip Technology Inc.
DS21730F-page 13
MCP201
2.0
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings†
VIN DC Voltage on Logic pins except CS/WAKE ................................................................................. -0.3 to VREG+0.3V
VIN DC Voltage on CS/WAKE ...............................................................................................................-0.3 to VBAT+0.3V
VBAT Battery Voltage, non-operating (LIN bus recessive, no regulator load, t < 60s)....................................-0.3 to +40V
VBAT Battery Voltage, transient (Note 1)........................................................................................................-0.3 to +40V
VBAT Battery Voltage, continuous ..................................................................................................................-0.3 to +30V
VLBUS Bus Voltage, continuous.......................................................................................................................-18 to +30V
VLBUS Bus Voltage, transient (Note 1) ............................................................................................................-27 to +40V
ILBUS Bus Short Circuit Current Limit .................................................................................................................... 200 mA
ESD protection on LIN, VBAT (Human Body Model) (Note 2) .................................................................................. >4 kV
ESD protection on all other pins (Human Body Model) (Note 2) ............................................................................. >2 kV
Maximum Junction Temperature ............................................................................................................................. 150
°C
Storage Temperature .................................................................................................................................. -55 to +150
°C
Note 1: ISO 7637/1 load dump compliant (t < 500 ms).
2: According to JESD22-A114-B.
† NOTICE: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com