Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C35 Datasheet(PDF) 67 Page - Altera Corporation

Part # EP2C35
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35 Datasheet(HTML) 67 Page - Altera Corporation

Back Button EP2C35 Datasheet HTML 63Page - Altera Corporation EP2C35 Datasheet HTML 64Page - Altera Corporation EP2C35 Datasheet HTML 65Page - Altera Corporation EP2C35 Datasheet HTML 66Page - Altera Corporation EP2C35 Datasheet HTML 67Page - Altera Corporation EP2C35 Datasheet HTML 68Page - Altera Corporation EP2C35 Datasheet HTML 69Page - Altera Corporation EP2C35 Datasheet HTML 70Page - Altera Corporation EP2C35 Datasheet HTML 71Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 168 page
background image
Altera Corporation
2–55
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
You can use I/O pins and internal logic to implement a high-speed I/O
receiver and transmitter in Cyclone II devices. Cyclone II devices do not
contain dedicated serialization or deserialization circuitry. Therefore,
shift registers, internal PLLs, and IOEs are used to perform
serial-to-parallel conversions on incoming data and parallel-to-serial
conversion on outgoing data.
The maximum internal clock frequency for a receiver and for a
transmitter is 402.5 MHz. The maximum input data rate of 805 Mbps and
the maximum output data rate of 640 Mbps is only achieved when DDIO
registers are used. The LVDS standard does not require an input
reference voltage, but it does require a 100-
Ωtermination resistor
between the two signals at the input buffer. An external resistor network
is required on the transmitter side.
f
For more information on Cyclone II differential I/O interfaces, see the
High-Speed Differential Interfaces in Cyclone II Devices chapter in Volume 1
of the Cyclone II Device Handbook.
Series On-Chip Termination
On-chip termination helps to prevent reflections and maintain signal
integrity. This also minimizes the need for external resistors in high pin
count ball grid array (BGA) packages. Cyclone II devices provide I/O
driver on-chip impedance matching and on-chip series termination for
single-ended outputs and bidirectional pins.
EP2C70
672
160 (168)
896
257 (265)
Note to Table 2–18:
(1)
The first number represents the number of bidirectional I/O pins which can be
used as inputs or outputs. The number in parenthesis includes dedicated clock
input pin pairs which can only be used as inputs.
Table 2–18. Cyclone II Device LVDS Channels (Part 2 of 2)
Device
Pin Count
Number of LVDS
Channels (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com