Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C35 Datasheet(PDF) 45 Page - Altera Corporation

Part # EP2C35
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35 Datasheet(HTML) 45 Page - Altera Corporation

Back Button EP2C35 Datasheet HTML 41Page - Altera Corporation EP2C35 Datasheet HTML 42Page - Altera Corporation EP2C35 Datasheet HTML 43Page - Altera Corporation EP2C35 Datasheet HTML 44Page - Altera Corporation EP2C35 Datasheet HTML 45Page - Altera Corporation EP2C35 Datasheet HTML 46Page - Altera Corporation EP2C35 Datasheet HTML 47Page - Altera Corporation EP2C35 Datasheet HTML 48Page - Altera Corporation EP2C35 Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 168 page
background image
Altera Corporation
2–33
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Embedded multipliers can operate at up to 250 MHz (for the fastest speed
grade) for 18 × 18 and 9 × 9 multiplications when using both input and
output registers.
Each Cyclone II device has one to three columns of embedded multipliers
that efficiently implement multiplication functions. An embedded
multiplier spans the height of one LAB row. Table 2–10 shows the number
of embedded multipliers in each Cyclone II device and the multipliers
that can be implemented.
The embedded multiplier consists of the following elements:
■
Multiplier block
■
Input and output registers
■
Input and output interfaces
Figure 2–18 shows the multiplier block architecture.
Table 2–10. Number of Embedded Multipliers in Cyclone II Devices
Note (1)
Device
Embedded
Multiplier Columns
Embedded
Multipliers
9 × 9 Multipliers
18 × 18 Multipliers
EP2C5
1
13
26
13
EP2C8
1
18
36
18
EP2C15
1
26
52
26
EP2C20
1
26
52
26
EP2C35
1
35
70
35
EP2C50
2
86
172
86
EP2C70
3
150
300
150
Note to Table 2–10:
(1)
Each device has either the number of 9 × 9-, or 18 × 18-bit multipliers shown. The total number of multipliers for
each device is not the sum of all the multipliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com