Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C35 Datasheet(PDF) 13 Page - Altera Corporation

Part # EP2C35
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP2C35 Datasheet HTML 9Page - Altera Corporation EP2C35 Datasheet HTML 10Page - Altera Corporation EP2C35 Datasheet HTML 11Page - Altera Corporation EP2C35 Datasheet HTML 12Page - Altera Corporation EP2C35 Datasheet HTML 13Page - Altera Corporation EP2C35 Datasheet HTML 14Page - Altera Corporation EP2C35 Datasheet HTML 15Page - Altera Corporation EP2C35 Datasheet HTML 16Page - Altera Corporation EP2C35 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 168 page
background image
Altera Corporation
2–1
February 2007
2. Cyclone II Architecture
Functional
Description
Cyclone® II devices contain a two-dimensional row- and column-based
architecture to implement custom logic. Column and row interconnects
of varying speeds provide signal interconnects between logic array
blocks (LABs), embedded memory blocks, and embedded multipliers.
The logic array consists of LABs, with 16 logic elements (LEs) in each
LAB. An LE is a small unit of logic providing efficient implementation of
user logic functions. LABs are grouped into rows and columns across the
device. Cyclone II devices range in density from 4,608 to 68,416 LEs.
Cyclone II devices provide a global clock network and up to four
phase-locked loops (PLLs). The global clock network consists of up to 16
global clock lines that drive throughout the entire device. The global clock
network can provide clocks for all resources within the device, such as
input/output elements (IOEs), LEs, embedded multipliers, and
embedded memory blocks. The global clock lines can also be used for
other high fan-out signals. Cyclone II PLLs provide general-purpose
clocking with clock synthesis and phase shifting as well as external
outputs for high-speed differential I/O support.
M4K memory blocks are true dual-port memory blocks with 4K bits of
memory plus parity (4,608 bits). These blocks provide dedicated true
dual-port, simple dual-port, or single-port memory up to 36-bits wide at
up to 260 MHz. These blocks are arranged in columns across the device
in between certain LABs. Cyclone II devices offer between 119 to
1,152 Kbits of embedded memory.
Each embedded multiplier block can implement up to either two 9 × 9-bit
multipliers, or one 18 × 18-bit multiplier with up to 250-MHz
performance. Embedded multipliers are arranged in columns across the
device.
Each Cyclone II device I/O pin is fed by an IOE located at the ends of LAB
rows and columns around the periphery of the device. I/O pins support
various single-ended and differential I/O standards, such as the 66- and
33-MHz, 64- and 32-bit PCI standard, PCI-X, and the LVDS I/O standard
at a maximum data rate of 805 megabits per second (Mbps) for inputs and
640 Mbps for outputs. Each IOE contains a bidirectional I/O buffer and
three registers for registering input, output, and output-enable signals.
Dual-purpose DQS, DQ, and DM pins along with delay chains (used to
CII51002-3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com