Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1923 Datasheet(PDF) 10 Page - ams AG

Part # AS1923
Description  Quad-Voltage Microprocessor Supervisory Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1923 Datasheet(HTML) 10 Page - ams AG

Back Button AS1923 Datasheet HTML 6Page - ams AG AS1923 Datasheet HTML 7Page - ams AG AS1923 Datasheet HTML 8Page - ams AG AS1923 Datasheet HTML 9Page - ams AG AS1923 Datasheet HTML 10Page - ams AG AS1923 Datasheet HTML 11Page - ams AG AS1923 Datasheet HTML 12Page - ams AG AS1923 Datasheet HTML 13Page - ams AG AS1923 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.austriamicrosystems.com/Supervisors/AS1923
Revision 1.01
9 - 16
AS1923
Datasheet - Application In form atio n
9 Application Information
Reset Output
The AS1923 RESETN output is asserted low when any of the monitored INx voltages drop below its specified reset threshold (above for -5V
option) and remains asserted for the duration of the reset timeout period (120ms minimum) after all inputs have stabilized (Figure 11).
Figure 11. RESETN Output Timing Diagram
The AS1923B output driver is driven by an internal 10µA current source pullup resistor. For most applications there is no need for an external
pullup resistor to interface with other logic supplies.
Note:
An external pullup resistor must not be connected to the AS1923B.
The AS1923A supports an external pullup resistor to any voltage from 0 to +5.5V if interfaced to non-standard logic supply voltages (see Figure
12).
Figure 12. Interfacing to Various Logic Supply Voltages
90%
INx
tRD
tRP
RESETN
VTHL
10%
AS1923A
100k
Ω
GND
2
VCC
3
RESETN
RESETN
CPU
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com