Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1923 Datasheet(PDF) 16 Page - ams AG

Part # AS1923
Description  Quad-Voltage Microprocessor Supervisory Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1923 Datasheet(HTML) 16 Page - ams AG

Back Button AS1923 Datasheet HTML 9Page - ams AG AS1923 Datasheet HTML 10Page - ams AG AS1923 Datasheet HTML 11Page - ams AG AS1923 Datasheet HTML 12Page - ams AG AS1923 Datasheet HTML 13Page - ams AG AS1923 Datasheet HTML 14Page - ams AG AS1923 Datasheet HTML 15Page - ams AG AS1923 Datasheet HTML 16Page - ams AG AS1923 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
www.austriamicrosystems.com/Supervisors/AS1923
Revision 1.01
15 - 16
AS1923
Datasheet - Orderin g Info r m ation
I
5.0V
3.3V
2.5V
2
1.8V
10%
J
5.0V
3.3V
2.5V
2
1.8V
2
5%
K
adjustable
3.3V
2.5V
adjustable
10%
L
1
adjustable
3.3V
2.5V
2
adjustable
5%
M
1
5.0V
3.0V
adjustable
-5.0V
10%
N
1
5.0V
3.0V
adjustable
-5.0V
5%
O
5.0V
3.3V
adjustable
-5.0V
10%
P
5.0V
3.3V
adjustable
-5.0V
5%
1. Available upon request
2. Specified for 10% tolerances
Table 5. Variants Suffix Guide (x)
Variant (x)
Thresholds
Tolerance
IN1
IN2
IN3
IN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com