Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1923 Datasheet(PDF) 11 Page - ams AG

Part # AS1923
Description  Quad-Voltage Microprocessor Supervisory Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1923 Datasheet(HTML) 11 Page - ams AG

Back Button AS1923 Datasheet HTML 7Page - ams AG AS1923 Datasheet HTML 8Page - ams AG AS1923 Datasheet HTML 9Page - ams AG AS1923 Datasheet HTML 10Page - ams AG AS1923 Datasheet HTML 11Page - ams AG AS1923 Datasheet HTML 12Page - ams AG AS1923 Datasheet HTML 13Page - ams AG AS1923 Datasheet HTML 14Page - ams AG AS1923 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com/Supervisors/AS1923
Revision 1.01
10 - 16
AS1923
Datasheet - Application In form atio n
User-Adjustable Thresholds
The AS1923 provides several voltage monitoring values as well as user-adjustable reset thresholds.
The threshold voltage at each adjustable INx input is typically 1.23V. To monitor a voltage >1.23V, connect a resistor-divider network to the circuit
as shown in Figure 13.
Figure 13. Setting User-Adjustable Thresholds
For the circuit shown in Figure 13, calculate R1 and R2 as:
or, calculated in terms of R1:
Note:
Because the AS1923 has a guaranteed input current of ±0.1µA on its adjustable inputs, resistor values up to 100k
Ω can be used for
R2 with <1% error.
Unused Inputs
The IN2 input must always be used for normal operation (AS1923 power-supply pin). Otherwise, in cases where one or more of the AS1923
monitoring inputs will not be used, these inputs must be tied to a supply voltage greater in magnitude than their specified threshold voltages.
Notes:
1. For unused IN3 or IN4 applications with positive thresholds (fixed or adjustable), the inputs can be connected directly to the IN2 supply.
2. For unused IN4 options with negative thresholds, the input must be tied to a more negative supply.
3. Unused pins must not be connected to ground or allowed to float.
+
–
+
–
VINTH
R1
R2
VREF =
1.23V
(EQ 1)
VINTH
1,23V
R1
R2
+
R2
-------------------
×
=
R1
R2
VINTH
1,23V
----------------1
–
⎝⎠
⎛⎞
×
=
(EQ 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com