Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3517 Datasheet(PDF) 79 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 79 Page - ams AG

Back Button AS3517 Datasheet HTML 75Page - ams AG AS3517 Datasheet HTML 76Page - ams AG AS3517 Datasheet HTML 77Page - ams AG AS3517 Datasheet HTML 78Page - ams AG AS3517 Datasheet HTML 79Page - ams AG AS3517 Datasheet HTML 80Page - ams AG AS3517 Datasheet HTML 81Page - ams AG AS3517 Datasheet HTML 82Page - ams AG AS3517 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Table 80 DCDC15 Register
Name
Base
Default
DCDC15
2-wire serial
00h
15V DCDC Step-up Control Register
Offset: 1Bh
Controls the back-light current and back-light dim rate.
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7
DIM_UP_DOWN
0
R/W
Starts dimming UP/DOWN or switches LED back-light ON/OFF
when DIM_RATE = 00b
0: dim DOWN
1: dim UP
6:5
DIM_RATE
00
R/W
Sets the dim rate of the LED back-light current from 0mA to
I_BACKLIGHT and vice versa
00: no dimming (immediate ON/OFF)
01: 150ms
10: 300ms
11: 500ms
4:0
I_BACKLIGHT
00000
R/W
Sets the current into pin ISINK in 1.25mA steps (internal
current source to control LED backlight current). Setting
11111b enables the voltage feedback mode to supply e.g.
OLEDs with a constant voltage supply.
00000: DCDC15 switched off
00001: 1.25mA
00010: 2.5mA
..
11110: 37.5mA
11111: 38.75mA
Table 81 I2S Register
Name
Base
Default
I2S
2-wire serial
00h
I2S Mode Control Register (Master Mode only)
Offset: 1Ch
Contains lower 8 bits for I2S master mode clock generation divider.
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7:0
I2S_DIVIDER
00h
R/W
Please see master clock divider table
Revision 1v3
78
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com