Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3517 Datasheet(PDF) 88 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 88 Page - ams AG

Back Button AS3517 Datasheet HTML 84Page - ams AG AS3517 Datasheet HTML 85Page - ams AG AS3517 Datasheet HTML 86Page - ams AG AS3517 Datasheet HTML 87Page - ams AG AS3517 Datasheet HTML 88Page - ams AG AS3517 Datasheet HTML 89Page - ams AG AS3517 Datasheet HTML 90Page - ams AG AS3517 Datasheet HTML 91Page - ams AG AS3517 Datasheet HTML 92Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Name
Base
Default
IRQ_ENRD_3
2-wire serial
0x00
Fourth Interrupt Register
Offset: 26h
Please be aware that writing to this register will enable/disable the corresponding
interrupts, while with reading you get the actual interrupt status and will clear the
register at the same time. It is not possible to read back the interrupt enable/disable
settings. This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
0
W
Headphone connect detection interrupt setting
0: disable
1: enable
0
HPH_CONNECT
(level)
x
R
Headphone connect detection interrupt reading
0: no headphone connected
1: headphone connected
This interrupt is only invoked when the headphone stage is
powered down. The IRQ will be released after enabling the
headphone stage.
Detecting a headphone during operation is not possible.
Revision 1v3
87
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com