Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3517 Datasheet(PDF) 29 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 29 Page - ams AG

Back Button AS3517 Datasheet HTML 25Page - ams AG AS3517 Datasheet HTML 26Page - ams AG AS3517 Datasheet HTML 27Page - ams AG AS3517 Datasheet HTML 28Page - ams AG AS3517 Datasheet HTML 29Page - ams AG AS3517 Datasheet HTML 30Page - ams AG AS3517 Datasheet HTML 31Page - ams AG AS3517 Datasheet HTML 32Page - ams AG AS3517 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
9.1.6
Audio Output Mixer
General
The mixer stage sums up the audio signals of the following stages
•
Microphone Input 1 & 2 (stereo microphone)
•
Line Input 1
•
Line Input 2
•
Digital Audio Input (DAC)
The mixing ratios have to be with the volume registers of the corresponding input stages. Please be sure that the input signals of the
mixer stage are not higher than 1Vp. If summing up several signals, each individual signal has of course to be accordingly lower. This
shall insure that the output signal is also not higher than 1Vp to get a proper signal for the output amplifier.
This stage features an automatic gain control (AGC), which automatically avoids clipping.
Register Description
Audio Mixer Related Register
Name
Base
Offset
Description
AudioSet_2
2-wire serial
15h
Enable/disable mixer stage and AGC
AudioSet_3
2-wire serial
16h
Enable/disable DAC, MIC or Line Inputs to mixer stage
Revision 1v3
28
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com