Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3648 Datasheet(PDF) 18 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 18 Page - ams AG

Back Button AS3648 Datasheet HTML 14Page - ams AG AS3648 Datasheet HTML 15Page - ams AG AS3648 Datasheet HTML 16Page - ams AG AS3648 Datasheet HTML 17Page - ams AG AS3648 Datasheet HTML 18Page - ams AG AS3648 Datasheet HTML 19Page - ams AG AS3648 Datasheet HTML 20Page - ams AG AS3648 Datasheet HTML 21Page - ams AG AS3648 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
17 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Load Balancing
To improve the efficiency of the AS3648 for LEDs with unmatched forward voltage and reduce the internal power dissi-
pation of the AS3648, set the bit load_balance_on=1. This bit can change the currents through the LEDs by up to +/-
15% (up to 115%/85% of set current between LED_OUT1 to LED_OUT2) to match the forward voltage of the LED bet-
ter as shown in Figure 23:
Figure 23. Load Balancing
Flash Strobe Timings
The flash timing are defined as follows:
1. Flash duration defined by register flash_timeout and flash is started immediately when this mode is selected by
the I
2C command (see Figure 24):
set strobe_on = 0, start the flash by setting out_on = 1
2. Flash duration defined by register flash_timeout and flash started with a rising edge on pin STROBE (see Fig-
ure 25):
set strobe_on = 1 and strobe_type = 0
3. Flash start and timing defined by the pin STROBE; the flash duration is limited by the timeout timer defined by
flash_timeout (see Figure 26 and Figure 34):
set strobe_on = 1 and strobe_type = 1
Figure 24. AS3648 flash duration defined by flash_timeout without using STROBE input
  
  



!""#
!#





 
  
 !
" # $




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com