Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3648 Datasheet(PDF) 26 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 26 Page - ams AG

Back Button AS3648 Datasheet HTML 22Page - ams AG AS3648 Datasheet HTML 23Page - ams AG AS3648 Datasheet HTML 24Page - ams AG AS3648 Datasheet HTML 25Page - ams AG AS3648 Datasheet HTML 26Page - ams AG AS3648 Datasheet HTML 27Page - ams AG AS3648 Datasheet HTML 28Page - ams AG AS3648 Datasheet HTML 29Page - ams AG AS3648 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
25 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Table 10. Low Voltage Register
Addr: 4
Low Voltage Register
This register defines the operating mode with low battery voltages
Bit
Bit Name
Default Access
Description
2:0
vin_low_v_run
4h
R/W
Voltage level on VIN where current reduction triggers during
operation (see Current Reduction by VIN measurements in
Flash Mode on page 14) - only in flash mode; if VIN drops
below this voltage during current ramp up, the current ramp
up is stopped; during operation the current is decreased
until the voltage on VIN rises above this threshold -
fault_uvlo is set
0h
function is disabled
1h
3.0V
2h
3.07V
3h
3.14V
4h
3.22V - default
5h
3.3V
6h
3.38V
7h
3.47V
5:3
vin_low_v
5h
R/W
Voltage level on VIN where driver will change current before
startup (only in flash mode)
if before startup (out_on set from 0 to 1), the voltage on VIN
is below vin_low_v, the current is changed to
flash_txmask_current (vin_low_v_shutdown=0) or
0=shutdown (vin_low_v_shutdown=1) and fault_uvlo is set
0h
function is disabled
1h
3.0V
2h
3.07V
3h
3.14V
4h
3.22V
5h
3.3V - default
6h
3.38V
7h
3.47V
6
vin_low_v_shutdown
0R/W
Enables Shutdown of current reduction under low voltage
conditions
0
if before startup (out_on set from 0 to 1), the voltage
on VIN is below vin_low_v, the current is changed to
flash_txmask_current and fault_uvlo is set
1
if before startup (out_on set from 0 to 1), the voltage
on VIN is below vin_low_v, the operating mode stays
in shutdown (zero LED current) and fault_uvlo is set
7
const_v_mode
0R/W
Enables Constant output voltage mode
0
Normal operation defined by mode_setting
1
5V constant voltage mode on VOUT1/2;
reset registers mode_setting, out_on and
ext_torch_on before setting this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com