Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3648 Datasheet(PDF) 27 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 27 Page - ams AG

Back Button AS3648 Datasheet HTML 23Page - ams AG AS3648 Datasheet HTML 24Page - ams AG AS3648 Datasheet HTML 25Page - ams AG AS3648 Datasheet HTML 26Page - ams AG AS3648 Datasheet HTML 27Page - ams AG AS3648 Datasheet HTML 28Page - ams AG AS3648 Datasheet HTML 29Page - ams AG AS3648 Datasheet HTML 30Page - ams AG AS3648 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
26 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Table 11. Flash Timer Register
Addr: 5
Flash Timer Register
This register identifies the flash timer and timeout settings
Bit
Bit Name
Default Access
Description
7:0
flash_timeout
1
23h
R/W
Define the duration of the flash timer and timeout timer
0h
2ms
1h
4ms
2h
6ms
...
...
23h
72ms - default
...
...
7F
256ms
80
264ms(now 8 ms LSB steps from here on)
2
81
272ms
82
280ms
...
...
FEh
1272ms
FFh
1280ms
1. At maximum output current the flash duration should be limited to 120ms (depending of VF of the LED, thermal
design and ambient temperature) to avoid overheating of the AS3648.
2. Internal calculation for codes above 80h: flash timeout [ms] = (flash_timeout-127) * 8 + 256 [ms]
Table 12. Control Register
Addr: 6
Control Register
This register identifies the operating mode and includes an all on/off bit
Bit
Bit Name
Default Access
Description
1:0
mode_setting
00
R/W
Define the AS3648 operating mode
00
shutdown or external torch mode if
ext_torch_on (page 23)=10
01
indicator mode (or low current mode using PWM)
LED current is defined by the 6LSB bits of
led_current1 and led_current2 pwm modulated with
31.25kHz defined by register inct_pwm (1/16...4/16)
10
assist light mode:
LED current is defined by the 7LSB
1 bits of
led_current1 and led_current2
11
flash mode:
LED current is defined by led_current1 and
led_current2
(out_on and mode_setting are automatically cleared
after a flash pulse)
2
reserved
X
R
reserved - don’t use, always write 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com