Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3658D-BCTP Datasheet(PDF) 37 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 37 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 33Page - ams AG AS3658D-BCTP Datasheet HTML 34Page - ams AG AS3658D-BCTP Datasheet HTML 35Page - ams AG AS3658D-BCTP Datasheet HTML 36Page - ams AG AS3658D-BCTP Datasheet HTML 37Page - ams AG AS3658D-BCTP Datasheet HTML 38Page - ams AG AS3658D-BCTP Datasheet HTML 39Page - ams AG AS3658D-BCTP Datasheet HTML 40Page - ams AG AS3658D-BCTP Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
36 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
The gpio block includes an internal programmable PWM generator (can be connected to any of the GPIO1_CURR1 …
GPIO4_CURR4 outputs). Its timing is defined by the following tables:
Table 29. PWM Frequency Control High Time Registers
Addr: 56
PWM Frequency Control High Time Registers
This register controls the PWM high time
Bit
Bit Name
Default Access
Description
Table 30. PWM Frequency Control Low Time Registers
Addr: 57
PWM Frequency Control Low Time Registers
This register controls the PWM Low time
Bit
Bit Name
Default Access
Description
Table 31. PWM Divider Registers bits
Addr: 58
CURR control
This register controls the PWM divider
Bit
Bit Name
Default Access
Description
All Step Down DCDC converters and several LDOs can be directly on/off controlled by CURR3_GPIO3 or
CURR4_GPIO4. The CURR3_GPIO3 and/or CURR4_GPIO4 pin should be set to digital input mode (GPIO3Mode =
010b, GPIO4Mode = 010b) and the following register should be set accordingly:
7:0
pwm_h_time
00h
R/W
This bit defines the high time of the pwm generator in
2/fclk_int units
0
pwm_div * 2/ fclk_int
1
pwm_div * 4/ fclk_int
2
pwm_div * 6/ fclk_int
....
FFh
pwm_div * 512/ fclk_int
7:0
pwm_l_time
00h
R/W
This bit defines the high time of the pwm generator in
2/fclk_int units
0
pwm_div * 2/ fclk_int
1
pwm_div * 4/ fclk_int
2
pwm_div * 6/ fclk_int
....
FFh
pwm_div * 512/ fclk_int
7:6
pwm_div
00h
R/W
This bit defines the divider ratio of the prescaler for the
PWM generator
00
Divide by 1
01
Divide by 2
10
Divide by 4
11
Divide by 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com