Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3658D-BCTP Datasheet(PDF) 38 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 38 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 34Page - ams AG AS3658D-BCTP Datasheet HTML 35Page - ams AG AS3658D-BCTP Datasheet HTML 36Page - ams AG AS3658D-BCTP Datasheet HTML 37Page - ams AG AS3658D-BCTP Datasheet HTML 38Page - ams AG AS3658D-BCTP Datasheet HTML 39Page - ams AG AS3658D-BCTP Datasheet HTML 40Page - ams AG AS3658D-BCTP Datasheet HTML 41Page - ams AG AS3658D-BCTP Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
37 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Note: The original digital interface on/off signal is used to switch between CURR3_GPIO3 and CURR4_GPIO4; e.g.
if ldo_rf1_gpio is set, ldo_rf1_on is (re-)used to selected either CURR3_GPIO3 (ldo_rf1_on=1) or
CURR4_GPIO4 (ldo_rf1_on=0) as input.
Table 32. Regulator GPIO Control Registers
Addr: 31
Reg GPIO Ctrl
This register enables/disables GPIO control of the regulators
Bit
Bit Name
Default Access
Description
0
ldo_rf1_gpio
0
R/W
ldo_rf1 on/off control
0
Controlled by software (ldo_rf1_on)
1
Controlled by CURR3_GPIO3, if ldo_rf1_on=1 and
GPIO3IOSF=10b
Controlled by CURR4_GPIO4, if ldo_rf1_on=0 and
GPIO4IOSF=10b
1
ldo_rf2_gpio
0
R/W
ldo_rf2 on/off control
0
Controlled by software (ldo_rf2_on)
1
Controlled by CURR3_GPIO3, if ldo_rf2_on=1 and
GPIO3IOSF=10b
Controlled by CURR4_GPIO4, if ldo_rf2_on=0 and
GPIO4IOSF=10b
2
ldo_dig1_gpio
0
R/W
ldo_dig1 on/off control
0
Controlled by software (ldo_dig1_on)
1
Controlled by CURR3_GPIO3, if ldo_dig1_on=1 and
GPIO3IOSF=10b
Controlled by CURR4_GPIO4, if ldo_dig1_on=0 and
GPIO4IOSF=10b;
do not set ldo_dig1_gpio if DCDC SD1 is in external
controller mode (sd1_1A_mode = 1100b)
3
ldo_dig2_gpio
0
R/W
ldo_dig2 on/off control
0
Controlled by software (ldo_dig2_on)
1
Controlled by CURR3_GPIO3, if ldo_dig2_on=1 and
GPIO3IOSF=10b
Controlled by CURR4_GPIO4, if ldo_dig2_on=0 and
GPIO4IOSF=10b
do not set ldo_dig2_gpio if DCDC SD1 is in external
controller mode (sd1_1A_mode = 1100b)
4
sd1_gpio
0
R/W
sd1 on/off control
0
Controlled by software (sd1_on)
1
Controlled by CURR3_GPIO3, if sd1_on=1 and
GPIO3IOSF=10b
Controlled by CURR4_GPIO4, if sd1_on=0 and
GPIO4IOSF=10b
5
sd2_gpio
0
R/W
sd2 on/off control (or sd2 on/off control in 1A mode)
0
Controlled by software (sd2_on)
1
Controlled by CURR3_GPIO3, if sd2_on=1 and
GPIO3IOSF=10b
Controlled by CURR4_GPIO4, if sd2_on=0 and
GPIO4IOSF=10b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com